Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 26 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M95P16-IXCS/EF Datasheet HTML 22Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 23Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 24Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 25Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 26Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 27Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 28Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 29Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
6.8
Write Status and Configuration registers (01h)
The Write Status register (WRSR) instruction is used to write the Status and Configuration registers.
A WRSR instruction, used with one data byte, changes Status register bits SRWD, TB, BPx and WEL.
A WRSR instruction, used with two data bytes, can change Status register bits, configuration bits (DVx), and Lock
ID bit (LID), located in the Configuration register.
To write the Status and Configuration registers, a Write enable (06h) instruction must have been previously
executed (Status register bit WEL must be 1). Once write is enabled, the Write Status register (WRSR) instruction
is entered (MSB first) by driving S low, sending the instruction code 01h, followed by one or two data byte(s) on
Serial data input (D), and driving the S high.
The S pin must be driven high after the eighth bit has been latched. If this is not done the instruction is not
executed.
The bytes of the Status and Configuration registers are stored in different pages, to avoid losing the second byte
if, after having changed the first one, a power-down occurs.
A WRSR instruction with more data bytes than defined above is discarded.
The instruction is not accepted, and is not executed, if a Write cycle is in progress.
The content of the Status and Configuration registers is described in Section 5.1 Status register and
Section 5.2.1 Configuration register.
Figure 14. Write Status register
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
29
High impedance
C
D
S
Q
WRSR instruction
Status register data byte in
MS55406V1
D7
D6
D5
D4
D3
D2
D1
D0
Figure 15. Write Status and Configuration registers
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
High impedance
C
D
S
Q
WRSR instruction
Status register data byte in
Configuration register data byte in
MS69276V1
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
M95P16-I M95P16-E
Write Status and Configuration registers (01h)
DS13710 - Rev 1
page 26/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com