Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95P16-IXCS/EF Datasheet HTML 12Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 13Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 14Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 15Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 16Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 17Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 18Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 19Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
4.12.2
Hardware data protection
Hardware data protection is implemented using the write protect signal applied on the W pin. This freezes the
non-volatile bits of the Status register in a read-only mode. In this mode, the block protection bits (BPn), the
top/bottom bit (TB), and the Status register write disable bit (SRWD) are protected (for further details, refer to
Section 5.1 Status register).
Table 5. Protection modes
W
SRWD
bit
Mode
Write protection of the Status register
Memory content(1)
Protected area
Unprotected area
1
0
Software
protected
(SPM)
•
Status register can be written (if the
WREN instruction has set the WEL bit).
•
BP2, BP1, BP0 and TB bits can be
changed
Write- protected
Ready to accept
Write instructions
0
0
1
1
0
1
Hardware
protected
(HPM)
•
Status register is hardware write-
protected.
•
BP2, BP1, BP0 and TB bits cannot be
changed.
1. As defined by the values in the block protection (BP2, BP1, BP0) and TB bits of the Status register.
4.13
Polling during a Program, Write or Erase cycle
A reduction in the time taken to complete the following commands is possible by not waiting for the worst-case
delay (tPW, tWSCR, tPP, tSE, tBE, or tCE) to elapse (see Table 26. Programming times):
•
Write
•
Write Status register
•
Program
•
Erase (Page, Sector, Block and Chip erase)
The write in progress (WIP) bit in the Status register is provided so that the application program can monitor
whether the Write, Program or Erase cycle is complete (refer to Section 5.1 Status register).
M95P16-I M95P16-E
Polling during a Program, Write or Erase cycle
DS13710 - Rev 1
page 16/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com