Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 22 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M95P16-IXCS/EF Datasheet HTML 18Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 19Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 20Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 21Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 22Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 23Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 24Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 25Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
6.1
Write enable (06h)
The write enable (WREN) instruction sets the write enable latch (WEL) bit in the status register to 1. The WEL
bit must be set before every page program, page write, page erase, sector erase, block erase, chip erase, write
status register, write volatile register, and write identification page instruction.
The write enable instruction is entered by driving S low, shifting the instruction code 06h into the data input (D)
pin on the rising edge of C, and then driving S high. The S pin must be driven high after the eighth bit has been
latched. If this is not done the write enable instruction is not executed.
Figure 7. Write enable
MS54391V1
0
1
2
3
4
5
6
7
WREN instruction
S
C
D
Q
High impedance
6.2
Write disable (04h)
The write disable (WRDI) instruction resets the write enable latch (WEL) bit in the status register to 0. The write
disable instruction is entered by driving S low, shifting the instruction code 04h into the D pin, and then driving S
high.
The S pin must be driven high after the eighth bit has been latched. If this is not done the write disable instruction
is not executed.
Figure 8. Write disable
Write disable instruction
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
C
D
Q
S
High impedance
MS54396V1
M95P16-I M95P16-E
Write enable (06h)
DS13710 - Rev 1
page 22/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com