Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation SP6687 Datasheet HTML 10Page - Sipex Corporation SP6687 Datasheet HTML 11Page - Sipex Corporation SP6687 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
Selecting Capacitors
APPLICATION INFORMATION
The flying capacitors C
1 and C2 determine the supply
current capability of the charge pump and influence the
overall efficiency of the system. Lower values will im-
prove efficiency, but will limit the current to the LEDs at
low input voltages. For 4 X 20mA load over the entire
input range of 2.7 to 5.5V, a capacitor of 1µF is optimal.
Figure 1. C-R-C filter used to reduce input ripple.
Setting the LED Current
The SP6687 can be set to a fixed LED current by a
resistor R
SET connected from ISET to GND. RSET estab-
lishes the reference current and mirrors the current into
LED1, LED2, LED3, and LED4. The current into each
LED is about 440 times the current that flows through
R
SET.
The approximate setting formula is given as
follows:
I
LED=
Figure 2 shows the typical value of R
SET versus average
LED current and Table 2 shows the values of R
SET for a
fixed LED current.
Figure 2. The typical curve of RSET vs. LEDs
average current.
Table 2. RSET Value Selection
SP6687
®
IN
V
2.2µF
2.2µF
IN
V
1.0Ω
484(V)
RSET(Ω)
Typical Curve for RSET vs. Avg. LED Current
0
50
100
150
200
250
300
05
10
15
20
25
30
LED Current (mA)
I
D
E
L
)
A
m
(
R
T
E
S
)
k
(
d
r
a
d
n
a
t
S
t
s
e
r
a
e
N
)
k
(
T
E
S
R
r
o
f
e
u
l
a
V
50
.
1
90
.
1
9
0
19
.
7
45
.
7
4
5
17
.
2
34
.
2
3
0
20
.
4
20
.
4
2
5
26
.
9
16
.
9
1
0
34
.
6
15
.
6
1
If maximum accuracy is required, a precision resistor is
needed. The following equation shows how to calculate
the error: I
LED(ERR) = ILED(MEAS) - ILED(SET)
I
LED(SET)
X 100%
Where I
LED(MEAS) is practical measured LED current and
I
LED(SET) is the LED current which is determined by RSET.
Ω
Ω
To get better performance from the SP6687, the selec-
tion of appropriate capacitors is very important. These
capacitors determine some parameters such as input
and output ripple, power efficiency, maximum supply
current by the charge pump and startup time. To reduce
the input and output ripple effectively, low ESR ceramic
capacitors are recommended.
To reduce output ripple, increasing the output capaci-
tance C
OUT is generally necessary. However, this will
increase the startup time of the output voltage.
For LED driver applications, the input voltage ripple is
more important than output ripple. Input ripple is con-
trolled by the input capacitor C
IN -- increasing the value
of input capacitance can further reduce the ripple. Prac-
tically, the input voltage ripple depends on the imped-
ance of the power supply. If a single input capacitor C
IN
cannot satisfy the requirement of the application, it is
necessary to add a low-pass filter. Figure 1 shows a C-
R-C filter used on the SP6687. The input ripple can be
reduced to less than 30mVp-p when driving 80mA of
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com