Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation SP6687 Datasheet HTML 10Page - Sipex Corporation SP6687 Datasheet HTML 11Page - Sipex Corporation SP6687 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
PACKAGE: 16 PIN QFN
TOP VIEW
D
E
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E/2)
D2
E2
K
b
e
L
BOTTOM VIEW
1
2
3
4
13
14
15
16
K
INDEX AREA
(D/2 x E/2)
MIN
NOM
MAX
MIN
NOM
MAX
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
K
0.20
-
-
0.008
-
-
ø0º
-
14º
0º
-
14º
b
0.25
0.30
0.35
0.010
0.012
0.014
D
D2
2.20
2.40
2.60
0.087
0.094
0.102
E
E2
2.20
2.40
2.60
0.087
0.094
0.102
e
L
0.45
0.55
0.65
0.018
0.022
0.026
4x4 16 Pin QFN
JEDEC MO-220
Variation VGGC-4
Millimeters
Controlling Dimension
SYMBOL
0.20 REF
Inches
Conversion Factor:
1 Inch = 25.40 mm
0.008 REF
0.65 BSC
0.026 BSC
4.00 BSC
4.00 BSC
0.157 BSC
0.157 BSC
SIPEX Pkg Signoff Date/Rev:
JL Oct31-05/Rev A
Seating Plane
A1
A
غ
A3
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com