Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6687 Datasheet HTML 1Page - Sipex Corporation SP6687 Datasheet HTML 2Page - Sipex Corporation SP6687 Datasheet HTML 3Page - Sipex Corporation SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
SP6687
FEATURES
■ High Efficiency > 90%
■ Support up to 4 White LEDs with current
matching
■ Three Charge Pump Modes: X1, X1.5, X2
■ Soft Start Function
■ Short Circuit Protection
■ Output Overvoltage Protection
■ Thermal Shutdown
■ Programmable LED drive capability
■ PWM Dimming Control
■ 1MHz Fixed Frequency Oscillator
■ Low 1µA Shutdown Current
■ Pin Compatible with SC604
4 Channel Charge Pump White LED Driver
The SP6687 is a compact, highly efficient and highly integrated 4 channel charge pump white LED
driver. It can support from 1 to 4 White LEDs and is optimized for Li-Ion battery applications.
Current matching allows all 4 LEDs to maintain consistent brightness. Users can control White
LEDs by three programming bits. Each channel can support up to 30mA of current. This device
is available in a 4mm x 4mm, 16 pin QFN package.
®
TYPICAL APPLICATION CIRCUIT
Now Available in Lead-Free Packaging
APPLICATIONS
■ Mobile phones
■ White LED Backlighting
■ Camera Flash LED lighting
Typical Application Circuit for 4-White LEDs
DESCRIPTION
VOUT
ISET
SP6687
16 Pin QFN
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
C1P
VIN
LED4
LED3
LED2
LED1
Pin 1
Orientation
EN
CTRL0
CTRL1
CTRL2
C1P
C1N
C2P
C2N
GND
LED1
LED2
LED3
LED4
Li-ion
Battery
C1 1µF
C2 1µF
2
1
3
4
5
6
7
89
10
11
12
13
14
15
16
SP6687
®
VIN
ISET
RSET
VOUT
COUT
1µF
CIN
1µF


Similar Part No. - SP6687

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
61Kb / 4P
Evaluation Board Manual
SP6687EB SIPEX-SP6687EB Datasheet
61Kb / 4P
Evaluation Board Manual
SP6687ER-L SIPEX-SP6687ER-L Datasheet
61Kb / 4P
Evaluation Board Manual
SP6687ER-LTR SIPEX-SP6687ER-LTR Datasheet
61Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP6687

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com