Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6687 Datasheet HTML 1Page - Sipex Corporation SP6687 Datasheet HTML 2Page - Sipex Corporation SP6687 Datasheet HTML 3Page - Sipex Corporation SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
Note 2: Current Matching refers to the difference in current from one LED to the next.
ELECTRICAL CHARACTERISTICS
FUNCTIONAL DIAGRAM
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
d
l
o
h
s
e
r
h
T
h
g
i
H
t
u
p
n
I5
.
1V
d
l
o
h
s
e
r
h
t
c
i
g
o
L
h
g
i
H
t
u
p
n
I
)
2
L
R
T
C
,
1
L
R
T
C
,
0
L
R
T
C
,
N
E
(
d
l
o
h
s
e
r
h
T
w
o
L
t
u
p
n
I4
.
0V
d
l
o
h
s
e
r
h
t
c
i
g
o
L
w
o
L
t
u
p
n
I
)
2
L
R
T
C
,
1
L
R
T
C
,
0
L
R
T
C
,
N
E
(
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I1
A
µV
H
I
V
=
N
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I1
A
µV
L
I
D
N
G
=
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T0
4
10
5
10
8
1C
º
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T0
1C
º
Unless otherwise specified: VIN = 2.85V to 5.5V, C1 = C2 =1.0µF (ESR = 0.03Ω, TA = 25°C)
X 100%
ILED(ERR) =
ILED(MEA) - ILED(SET)
ILED(SET)
(ILED Current Matching
ILED(MAX) - ILED(MIN)
ILED(MAX) + ILED(MIN)
X 100%)
Note 1:
306mV
GND
LED1
VOUT
EN
VREF
VIN
ISET
LED2
LED3
LED4
CTRL0
CTRL1
CTRL2
Decoder
Bandgap
Mode
Decision
1x/1.5x/2x
Charge Pump
1MHz
1MHz
Oscillator
I-Setting
C1P C1N C2P C2N
ISET
ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com