Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6687 Datasheet HTML 2Page - Sipex Corporation SP6687 Datasheet HTML 3Page - Sipex Corporation SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation SP6687 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
APPLICATION INFORMATION
Typical Application Circuit for 2-White LEDs
Table 1. Typical application circuit for PWM dimming
using a DC voltage into ISET.
s
t
u
p
n
I
l
o
r
t
n
o
Cs
u
t
a
t
S
t
u
p
t
u
O
2
L
R
T
C1
L
R
T
C0
L
R
T
C4
D
E
L3
D
E
L2
D
E
L1
D
E
L
000
F
F
OF
F
OF
F
ON
O
00
1
F
F
OF
F
ON
OF
F
O
01
0
F
F
ON
OF
F
OF
F
O
01
1
N
OF
F
OF
F
OF
F
O
10
0
F
F
OF
F
ON
ON
O
10
1
F
F
ON
ON
ON
O
11
0
N
ON
ON
ON
O
111
F
F
OF
F
OF
F
OF
F
O
EN
CTRL0
CTRL1
CTRL2
C1P
C1N
C2P
C2N
GND
LED1
LED2
LED3
LED4
C1 1µF
C2 1µF
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Li-ion
Battery
SP6687
®
VOUT
VIN
ISET
RSET
CIN
1µF
COUT
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com