Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation SP6687 Datasheet HTML 10Page - Sipex Corporation SP6687 Datasheet HTML 11Page - Sipex Corporation SP6687 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
1
S2
S3
S
I
f
o
r
e
t
s
i
s
e
R
t
n
e
l
a
v
i
u
q
E
T
E
S
n
i
p
R
(
T
E
S
)
00
0
R
T
E
S
R
=
4
00
1
R
T
E
S
R
=
3
R
/
/
4
01
0
R
T
E
S
R
=
2
R
/
/
4
01
1
R
T
E
S
R
=
2
R
/
/
3
R
/
/
4
10
0
R
T
E
S
R
=
1
R
/
/
4
10
1
R
T
E
S
R
=
1
R
/
/
3
R
/
/
4
11
0
R
T
E
S
R
=
1
R
/
/
2
R
/
/
4
11
1
R
T
E
S
R
=
1
R
/
/
2
R
/
/
3
R
/
/
4
APPLICATION INFORMATION
LED Current Setting with NMOS
LED current setting control can also be achieved by using
an external NMOS transistor to change the equivalent
resistor of the I
SET pin. Figure 3 illustrates this application
circuit which has 3 bit signals and can set 8 different levels
of LED current. Table 3 shows the relation between the
equivalent resistor of the I
SET pin and the respective
control signal.
SP6687
®
ISET
S3
S2
S1
R1
R2
R3
R4
Figure 3. Typical application circuit for setting LED
current using an NMOS transistor to set RSET
Table 3. Control signal and equivalent resistor of the
ISET pin.
LED Dimming Control Methods
The SP6687 uses two methods to achieve LED dim-
ming control. These methods are detailed below.
PWM Dimming
The first dimming method utilizes a PWM control signal
into CTRL0, CTRL1, and CTRL2. Table 1 shows the
relation between CTRLx and the 4 LED current states.
For example, when CTRL1 and CTRL2 are at logic high
and CTRL0 receives a PWM signal then 4 LEDs will be
dimmed simultaneously. The average LED current can
be derived by using a known PWM signal value. When
the PWM signal logic is low the current can be set at a
fixed value with the R
SET resistor. The following equation
will give the approximate value of the LED current:
I
LED(AVG) =
T
OFF X ILED(ON)
T
PWM
Where T
PWM is the period of the PWM dimming signal.
T
OFF is the time of the PWM signal at low. I
LED(ON) is LED
ON state current.
SP6687
®
CTRL2
CTRL1
CTRL0
EN
PWM
LED ON
LED
OFF
VIN
SP6687
®
CTRL2
CTRL1
CTRL0
EN
PWM
LED ON
LED
OFF
VIN
Figure 4. Typical application circuit for PWM dimming
when driving 4 LEDs.
Figure 5. Typical application circuit for PWM dimming
when driving 3 LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com