Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6687
Description  4 Channel Charge Pump White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6687 Datasheet HTML 1Page - Sipex Corporation SP6687 Datasheet HTML 2Page - Sipex Corporation SP6687 Datasheet HTML 3Page - Sipex Corporation SP6687 Datasheet HTML 4Page - Sipex Corporation SP6687 Datasheet HTML 5Page - Sipex Corporation SP6687 Datasheet HTML 6Page - Sipex Corporation SP6687 Datasheet HTML 7Page - Sipex Corporation SP6687 Datasheet HTML 8Page - Sipex Corporation SP6687 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date: 11/15/05
SP6687 4Channel Charge Pump White LED Driver
© Copyright 2005 Sipex Corporation
Input Voltage.....................................................-0.3 to 6V
Output Voltage..................................................-0.3 to 6V
Power Dissipation, P
D @ TA = 25ºC
QFN-16L 4x4...........................................................2.5W
Package Thermal Resistance
QFN-16L 4x4, O
JA................................................40ºC/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 2.85V to 5.5V, C1 = C2 =1.0µF (ESR = 0.03Ω, TA = 25°C)
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
Junction Temperature Range...............-40ºC to 125ºC
Storage Temperature ......................... -65ºC to 150°C
Operating Temperature ....................... -40°C to 85°C
ESD Susceptibility
Human Body Model...............................................2kV
Machine Model.....................................................200V
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Supply Voltage
2.5
5.5
V
Under Voltage Lockout Threshold
1.8
2.2
2.4
V
VIN Rising
Under Voltage Lockout Hysteresis
50
mV
Current into LEDs
1, 2, 3, and 4
18.5
20
21.5
mA
R
SET
= 24.0kΩ
4.5
5
5.5
mA
R
SET
= 91.0kΩ
220mA
2.7V < VIN < 5.5V
230mA
3.1V < VIN < 5.5V
Quiescent Current
3
4
mA
F
OSC
= 1MHz, IOUT = 0mA
Quiescent Current in Shutdown
1
10
µAVIN = 4.5V, En Pin = ZeroV
ILED Accuracy (Note 1)
2
7.5
%
2mA < ILED < 30mA
Current Matching (Note 2)
1
5
%
2mA < ILED < 30mA
1x mode to 1.5x mode Transition
Voltage (V
IN Falling)
3.75
TBD
V
VLED = 3.5V, IOUT = 80mA
ILED1 = I
LED2
=ILED3 = ILED4 =
20mA
1.5x mode to 2x mode Transition
Voltage (V
IN
Falling)
2.65
2.8
V
VLED = 3.5V, I
OUT
= 80mA
ILED1 = I
LED2
= ILED3 = ILED4 =
20mA
Oscillator Frequency
0.8
1.0
1.2
MHz
Input Current Limit
250
400
650
mA
Short Circuit applied from
VOUT to GND
Output Over Voltage Protection
5.5
6
V
Open circuit at any LED that
is programmed to be in the
ON state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com