Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 109 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 105Page - STMicroelectronics SN250QT Datasheet HTML 106Page - STMicroelectronics SN250QT Datasheet HTML 107Page - STMicroelectronics SN250QT Datasheet HTML 108Page - STMicroelectronics SN250QT Datasheet HTML 109Page - STMicroelectronics SN250QT Datasheet HTML 110Page - STMicroelectronics SN250QT Datasheet HTML 111Page - STMicroelectronics SN250QT Datasheet HTML 112Page - STMicroelectronics SN250QT Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 130 page
background image
SN250
Functional description—application modules
109/130
To ensure the pipelined digital filter in the ADC is flushed, ADC_EN should be cleared before
changes are made to ADC_SEL or ADC_RATE. Discard the first sample after ADC_EN is set.
The ADC uses an internal reference, VREF, which may be routed out to the alternate pin
function of GPIO8, VREF_OUT. VREF_OUT is only enabled when the ADC_EN bit in the
ADC_CFG
register is set. VREF is trimmed as close to 1.2V as possible by the ZNet
software, using the regulated supply (VDD) as reference. VREF is able to source modest
current (see Table 36) and is stable under capacitive loads. The ADC cannot accept an
external VREF input. For selecting alternate pin functions, refer to Table 17 and Table 18.
While the ADC Module supports both single-ended and differential inputs, the ADC input
stage is differential. Single-ended operation is provided by internally connecting one of the
differential inputs to VREF/2 while fully differential operation uses two external signals. The
full-scale differential input range spans -VREF to +VREF and the single-ended input range
spans 0 to VREF.
Fully differential operation is recommended only when large common-mode signals are
present. To correct differential input for offset and gain, each side of the input should be
sampled individually using single-ended operation, so that they may be calibrated against
VREF.
Sampling of internal connections VSS and VREF allow for offset and gain calibration of the
ADC in applications where absolute accuracy is important. Measurement of the unregulated
supply VDD_PADS, 2.1-3.6V pad supply, allows battery voltage to be monitored.
Measurement of the regulated supply VDD, 1.8V core supply, provides an accurate means
of calibrating the ADC as the regulator is factory trimmed.
Offset and gain correction using VREF or VDD reduces both ADC gain errors and reference
errors but it is limited by the absolute accuracy of the supply. Correction using VREF is
recommended because VREF is calibrated by the ZNet software against VDD, which is
factory trimmed. Table 35 shows the equations used.
Table 35.
Offset and gain correction calculation
Calculation Type
Corrected Sample
Absolute Voltage
Offset corrected
Offset and gain corrected using VREF,
normalized to VREF
Offset and gain corrected using VDD,
normalized to VDD
NN
X
N
VSS
–
()
=
N
N
X
N
VSS
–
() 16
«
N
VREF
N
VSS
–
()
---------------------------------------------
=
V
NVREF
×
()
2
16
--------------------------------
=
N
N
X
N
VSS
–
() 16
«
2N
VDD
N
VSS
–
()
×
--------------------------------------------------
=
V
NVDD
×
()
2
16
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com