Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 112 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 108Page - STMicroelectronics SN250QT Datasheet HTML 109Page - STMicroelectronics SN250QT Datasheet HTML 110Page - STMicroelectronics SN250QT Datasheet HTML 111Page - STMicroelectronics SN250QT Datasheet HTML 112Page - STMicroelectronics SN250QT Datasheet HTML 113Page - STMicroelectronics SN250QT Datasheet HTML 114Page - STMicroelectronics SN250QT Datasheet HTML 115Page - STMicroelectronics SN250QT Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 130 page
background image
Functional description—application modules
SN250
112/130
All interrupt source signals (except level-triggered GPIO interrupt signals) are momentary
pulses that are guaranteed to be a single cycle of the main 12MHz clock. They will
synchronously set the corresponding interrupt source bit(s) within a set of hierarchically
organized interrupt source register(s). The interrupt controller merges these hierarchical
interrupt sources into the single interrupt input to the CPU. Table 37 illustrates the enable
and configuration status of each event within the SN250.
The hierarchy has two levels of interrupt source and associated mask registers for fine
control of interrupt processing. The top-level INT_FLAG and INT_CFG registers have one
bit per major functional module of the SN250. The second level is a set of
INT_periphFLAG
and INT_periphCFG registers that each have one bit per sub-function
within their respective module. Some modules, like ADC, have no second level. For a top-
level event to actually interrupt the CPU, it must be enabled in the top-level INT_CFG
register. Second-level events must additionally be enabled in their respective second-level
INT_periphCFG
registers.
To clear (acknowledge) an interrupt, software must write a 1 into the corresponding bit of the
interrupt’s lowest level INT_periphFLAG register. For example, to acknowledge an ADC
interrupt, which has no second level, software must write a 1 into the INT_ADC bit of the top-
level INT_FLAG register. To acknowledge a SC1 RXVALID second-level interrupt, software
must write a 1 into the INT_SCRXVAL bit of the second-level INT_SC1FLAG register. If there
were other enabled SC1 interrupts pending, the top-level INT_SC1 bit in the INT_FLAG
register would remain set, representing the “or” of all second-level-enabled SC1 interrupt
events. The interrupt source register bits are designed to remain set if the event reoccurs at
the same moment the bit is being cleared to acknowledge a prior occurrence.
If another enabled interrupt of the same type occurs before being acknowledged by the
software ISR, it will be lost because no counting or queuing is used. However, this condition
is detected and stored in the top-level INT_MISS register to facilitate software detection of
such problems. The INT_MISS register is “acknowledged” in the same way as the
INT_FLAG
register—by writing a 1 into the corresponding bit to be cleared.
If another enabled interrupt occurs after being acknowledged but while interrupts remain
disabled, the CPU will be re-interrupted to service it when the software ISR returns and
interrupts are re-enabled.
Applications only have write access to certain bits in the top-level INT_FLAG, INT_CFG,
and INT_MISS registers that pertain to application peripherals. They have full access to
second-level INT_periphFLAG and INT_periphCFG registers for application peripherals.
System peripheral events and masking are protected from application interference.
Applications can also trigger a software interrupt by writing into the INT_SWCTRL register.
System software is responsible for processing and acknowledging this interrupt.
The SN250 also provides a global INT_EN enable bit to enable or disable all interrupts into
the CPU. This bit can be used to easily protect brief critical sections in application or system
software.
Table 37.
Event enable and configuration status
Event
Configuration
Interrupt pin to CPU
INT_EN
Top: INT_FLAG
INT_CFG
2nd: INT_periphFLAG
INT_periphCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com