Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 27 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 27 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 23Page - Microchip Technology DSPIC30F Datasheet HTML 24Page - Microchip Technology DSPIC30F Datasheet HTML 25Page - Microchip Technology DSPIC30F Datasheet HTML 26Page - Microchip Technology DSPIC30F Datasheet HTML 27Page - Microchip Technology DSPIC30F Datasheet HTML 28Page - Microchip Technology DSPIC30F Datasheet HTML 29Page - Microchip Technology DSPIC30F Datasheet HTML 30Page - Microchip Technology DSPIC30F Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 25
dsPIC30F
3.
One-word, two-cycle instructions that are not
flow control instructions: the only instructions of
this type are the
MOV.D (load and store double-
word) instructions, as shown in Figure 2-4.
FIGURE 2-4:
INSTRUCTION PIPELINE FLOW: 1-WORD, 2-CYCLE MOV.D OPERATIONS
4.
Table read/write instructions: these instructions
will suspend the fetching to insert a read or write
cycle to the program memory. The instruction
fetched while executing the table operation is
saved for 1 cycle and executed in the cycle
immediately after the table operation as shown
in Figure 2-5.
FIGURE 2-5:
INSTRUCTION PIPELINE FLOW: 1-WORD, 2-CYCLE TABLE OPERATIONS
5.
Two-word instructions for CALL and GOTO: in
these instructions, the fetch after the instruction
provides the remainder of the jump or call desti-
nation address. These instructions require 2
cycles to execute, 1 cycle to fetch the 2 instruc-
tion words (enabled by a high speed path on the
second fetch), and 1 cycle to flush the pipeline
as shown in Figure 2-6.
FIGURE 2-6:
INSTRUCTION PIPELINE FLOW: 2-WORD, 2-CYCLE GOTO, CALL
T
CY0TCY1TCY2TCY3TCY4TCY5
1. MOV
W0,0x1234
Fetch 1
Execute 1
2. MOV.D [W0++],W1
Fetch 2
Execute 2
R/W Cycle 1
3. MOV
W1,0x00AA
Fetch 3
Execute 2
R/W Cycle2
3a. Stall
Stall
Execute 3
4. MOV
0x0CC, W0
Fetch 4
Execute 4
T
CY0TCY1TCY2TCY3TCY4TCY5
1. MOV #0x1234,W0
Fetch 1
Execute 1
2. TBLRDL [W0++],W1
Fetch 2
Execute 2
3. MOV #0x00AA,W1
Fetch 3
Execute 2
Read Cycle
3a. Table Operation
Bus Read
Execute 3
4. MOV
#0x0CC,W0
Fetch 4
Execute 4
T
CY0TCY1TCY2TCY3TCY4TCY5
1. MOV #0x1234,W0
Fetch 1
Execute 1
2. GOTO LABEL
Fetch 2L
Update PC
2a. Second Word
Fetch 2H
NOP
3. Instruction @ address LABEL
Fetch
LABEL
Execute
LABEL
4. BSET
W1, #BIT3
Fetch 4
Execute 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com