Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 32 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 32 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 28Page - Microchip Technology DSPIC30F Datasheet HTML 29Page - Microchip Technology DSPIC30F Datasheet HTML 30Page - Microchip Technology DSPIC30F Datasheet HTML 31Page - Microchip Technology DSPIC30F Datasheet HTML 32Page - Microchip Technology DSPIC30F Datasheet HTML 33Page - Microchip Technology DSPIC30F Datasheet HTML 34Page - Microchip Technology DSPIC30F Datasheet HTML 35Page - Microchip Technology DSPIC30F Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 248 page
background image
dsPIC30F
DS70083G-page 30
Preliminary
 2004 Microchip Technology Inc.
2.5.1
MULTIPLIER
The 17 x 17-bit multiplier is capable of signed or
unsigned operation and can multiplex its output using a
scaler to support either 1.31 fractional (Q31) or 32-bit
integer results. The respective number representation
formats are shown in Figure 2-10. Unsigned operands
are zero-extended into the 17th bit of the multiplier
input value. Signed operands are sign-extended into
the 17th bit of the multiplier input value. The output of
the 17 x 17-bit multiplier/scaler is a 33-bit value which
is sign-extended to 40 bits. Integer data is inherently
represented as a signed two’s complement value,
where the MSB is defined as a sign bit. Generally
speaking, the range of an N-bit two’s complement inte-
ger is -2N-1 to 2N-1 – 1. For a 16-bit integer, the data
range is -32768 (0x8000) to 32767 (0x7FFF) including
‘0’ (see Figure 2-10). For a 32-bit integer, the data
range
is
-2,147,483,648
(0x8000 0000)
to
2,147,483,645 (0x7FFF FFFF).
When the multiplier is configured for fractional multipli-
cation, the data is represented as a two’s complement
fraction, where the MSB is defined as a sign bit and the
radix point is implied to lie just after the sign bit (QX
format). The range of an N-bit two’s complement frac-
tion with this implied radix point is -1.0 to (1 – 21-N). For
a 16-bit fraction, the Q15 data range is -1.0 (0x8000)
to 0.999969482 (0x7FFF) including ‘0’ and has a
precision of 3.01518x10-5. In Fractional mode, the
16x16 multiply operation generates a 1.31 product
which has a precision of 4.65661 x 10-10.
FIGURE 2-10:
16-BIT INTEGER AND FRACTIONAL MODES
Certain multiply operations always operate on signed
data. These include the
MAC/MSC,
MPY[.N]
and
ED[AC]
instructions. The 40-bit adder/subtracter may
also optionally negate one of its operand inputs to
change the result sign (without changing the oper-
ands). This is used to create a multiply and subtract
(MSC), or multiply and negate (MPY.N) operation.
In the special case when both input operands are 1.15
fractions and equal to 0x8000 (-110), the result of the
multiplication is corrected to 0x7FFFFFFF (as the
closest approximation to +1) by hardware before it is
used.
It should be noted that with the exception of DSP mul-
tiplies, the dsPIC30F ALU operates identically on inte-
ger and fractional data. Namely, an addition of two
integers will yield the same result (binary number) as
the addition of two fractional numbers. The only differ-
ence is how the result is interpreted by the user. How-
ever, multiplies performed by DSP operations are
different. In these instructions, data format selection is
made with the IF bit (CORCON<0>) and US bits
(CORCON<12>), and it must be set accordingly (‘0’ for
Fractional mode, ‘1’ for Integer mode in the case of the
IF bit, and ‘0’ for Signed mode, ‘1’ for Unsigned mode
in the case of the US bit). This is required because of
the implied radix point used by dsPIC30F fractions. In
Integer mode, multiplying two 16-bit integers produces
a 32-bit integer result. However, multiplying two 1.15
values generates a 2.30 result. Since the dsPIC30F
uses 1.31 format for the accumulators, a DSP multiply
in Fractional mode also includes a left shift by one bit to
keep the radix point properly aligned. This feature
reduces the resolution of the DSP multiplier to 2-30, but
has no other effect on the computation.
Different Representations of 0x4001
Integer:
214
213
212
211 ....
20
0x4001
= 214 + 20 = 16385
1.15 Fractional:
2-15
0x4001
= 2-1 + 2-15 = 0.500030518
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
. 2-1 2-2 2-3 . . .
-20
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com