Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 52 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 52 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 48Page - Microchip Technology DSPIC30F Datasheet HTML 49Page - Microchip Technology DSPIC30F Datasheet HTML 50Page - Microchip Technology DSPIC30F Datasheet HTML 51Page - Microchip Technology DSPIC30F Datasheet HTML 52Page - Microchip Technology DSPIC30F Datasheet HTML 53Page - Microchip Technology DSPIC30F Datasheet HTML 54Page - Microchip Technology DSPIC30F Datasheet HTML 55Page - Microchip Technology DSPIC30F Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 248 page
background image
dsPIC30F
DS70083G-page 50
Preliminary
 2004 Microchip Technology Inc.
4.4
Modulo Addressing
Modulo addressing is a method of providing an auto-
mated means to support circular data buffers using
hardware. The objective is to remove the need for soft-
ware to perform data address boundary checks when
executing tightly looped code, as is typical in many
DSP algorithms.
Modulo addressing can operate in either data or pro-
gram space (since the data pointer mechanism is
essentially the same for both). One circular buffer can
be supported in each of the X (which also provides the
pointers into program space) and Y data spaces. Mod-
ulo addressing can operate on any W register pointer.
However, it is not advisable to use W14 or W15 for mod-
ulo addressing since these two registers are used as
the stack frame pointer and stack pointer, respectively.
In general, any particular circular buffer can only be
configured to operate in one direction, as there are cer-
tain restrictions on the buffer start address (for incre-
menting buffers), or end address (for decrementing
buffers) based upon the direction of the buffer.
The only exception to the usage restrictions is for buff-
ers which have a power-of-2 length. As these buffers
satisfy the start and end address criteria, they may
operate in a Bidirectional mode (i.e., address boundary
checks will be performed on both the lower and upper
address boundaries).
4.4.1
START AND END ADDRESS
The modulo addressing scheme requires that a starting
and an ending address be specified and loaded into the
16-bit Modulo Buffer Address registers: XMODSRT,
XMODEND, YMODSRT, YMODEND (see Table 3-3).
If the length of an incrementing buffer is greater than
M= 2N-1, but not greater than M = 2N bytes, then the
last ‘N’ bits of the data buffer start address must be
zeros. There are no such restrictions on the end
address of an incrementing buffer. For example, if the
buffer size (modulus value) is chosen to be 100 bytes
(0x64), then the buffer start address for an increment-
ing buffer must contain 7 Least Significant zeros. Valid
start addresses may, therefore, be 0xXX00 and
0xXX80
, where ‘X’ is any hexadecimal value. Adding
the buffer length to this value and subtracting ‘1’ will
give the end address to be written into X/YMODEND.
For example, if the start address was chosen to be
0x2000
, then the X/YMODEND would be set to
(0x2000 + 0x0064 – 1) = 0x2063.
In the case of a decrementing buffer, the last ‘N’ bits of
the data buffer end address must be ones. There are
no such restrictions on the start address of a decre-
menting buffer. For example, if the buffer size (modulus
value) is chosen to be 100 bytes (0x64), then the buffer
end address for a decrementing buffer must contain
7 Least Significant ones. Valid end addresses may,
therefore, be 0xXXFF and 0xXX7F, where ‘X’ is any
hexadecimal value. Subtracting the buffer length from
this value and adding 1 will give the start address to be
written into X/YMODSRT. For example, if the end
address was chosen to be 0x207F, then the start
address would be (0x207F – 0x0064 + 1) = 0x201C,
which is the first physical address of the buffer.
The length of a circular buffer is not directly specified. It
is determined by the difference between the corre-
sponding start and end addresses. The maximum pos-
sible length of the circular buffer is 32K words
(64 Kbytes).
A write operation to the MODCON register should not
be immediately followed by an indirect read operation
using any W register.
Note:
The start and end addresses are the first
and last byte addresses of the buffer (irre-
spective of whether it is a word or byte
buffer, or an increasing or decreasing
buffer). Moreover, the start address must
be even and the end address must be odd
(for both word and byte buffers).
Note:
‘Start address’ refers to the smallest
address boundary of the circular buffer.
The first access of the buffer may be at
any address within the modulus range
(see Section 4.4.4).
Note:
Y space modulo addressing EA calcula-
tions assume word sized data (LS bit of
every EA is always clear).
Note 1: Using a POP instruction to pop the con-
tents of the top-of-stack (TOS) location
into MODCON also constitutes a write to
MODCON.
Therefore,
the
instruction
immediately following such a POP cannot
be any instruction performing an indirect
read operation.
2: It should be noted that some instructions
perform
an
indirect
read
operation
implicitly. These are: POP, RETURN,
RETFIE, RETLW
and ULNK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com