Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 30 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 30 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 26Page - Microchip Technology DSPIC30F Datasheet HTML 27Page - Microchip Technology DSPIC30F Datasheet HTML 28Page - Microchip Technology DSPIC30F Datasheet HTML 29Page - Microchip Technology DSPIC30F Datasheet HTML 30Page - Microchip Technology DSPIC30F Datasheet HTML 31Page - Microchip Technology DSPIC30F Datasheet HTML 32Page - Microchip Technology DSPIC30F Datasheet HTML 33Page - Microchip Technology DSPIC30F Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 248 page
background image
dsPIC30F
DS70083G-page 28
Preliminary
 2004 Microchip Technology Inc.
2.5
DSP Engine
Concurrent operation of the DSP engine with MCU
instruction flow is not possible, though both the MCU
ALU and DSP engine resources may be used concur-
rently by the same instruction (e.g., ED and EDAC
instructions).
The DSP engine consists of a high speed 17-bit x
17-bit multiplier, a barrel shifter and a 40-bit adder/
subtracter (with two target accumulators, round and
saturation logic).
Data input to the DSP engine is derived from one of the
following:
1.
Directly from the W array (registers W4, W5, W6
or W7) via the X and Y data buses for the MAC
class of instructions (MAC,
MSC,
MPY,
MPY.N, ED, EDAC, CLR
and MOVSAC).
2.
From the X bus for all other DSP instructions.
3.
From the X bus for all MCU instructions which
use the barrel shifter.
Data output from the DSP engine is written to one of the
following:
1.
The target accumulator, as defined by the DSP
instruction being executed.
2.
The X bus for MAC, MSC, CLR and MOVSAC
accumulator writes, where the EA is derived
from W13 only. (MPY, MPY.N, ED and EDAC
do not offer an accumulator write option.)
3.
The X bus for all MCU instructions which use the
barrel shifter.
The DSP engine also has the capability to perform
inherent
accumulator-to-accumulator
operations,
which require no additional data. These instructions are
ADD, SUB
and NEG.
The DSP engine has various options selected through
various bits in the CPU Core Configuration register
(CORCON), as listed below:
1.
Fractional or integer DSP multiply (IF).
2.
Signed or unsigned DSP multiply (US).
3.
Conventional or convergent rounding (RND).
4.
Automatic saturation on/off for AccA (SATA).
5.
Automatic saturation on/off for AccB (SATB).
6.
Automatic saturation on/off for writes to data
memory (SATDW).
7.
Accumulator
Saturation
mode
selection
(ACCSAT).
A block diagram of the DSP engine is shown in
Figure 2-9.
Note:
For CORCON layout, see Table 4-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com