Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 49 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 49 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 45Page - Microchip Technology DSPIC30F Datasheet HTML 46Page - Microchip Technology DSPIC30F Datasheet HTML 47Page - Microchip Technology DSPIC30F Datasheet HTML 48Page - Microchip Technology DSPIC30F Datasheet HTML 49Page - Microchip Technology DSPIC30F Datasheet HTML 50Page - Microchip Technology DSPIC30F Datasheet HTML 51Page - Microchip Technology DSPIC30F Datasheet HTML 52Page - Microchip Technology DSPIC30F Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 47
dsPIC30F
4.0
ADDRESS GENERATOR UNITS
The dsPIC core contains two independent address
generator units: the X AGU and Y AGU. Further, the X
AGU has two parts: X RAGU (Read AGU) and X
WAGU (Write AGU). The X RAGU and X WAGU sup-
port byte and word sized data space reads and writes
for both MCU and DSP instructions. The Y AGU sup-
ports word sized data reads for the DSP MAC class of
instructions only. They are each capable of supporting
two types of data addressing:
• Linear Addressing
• Modulo (Circular) Addressing
In addition, the X WAGU can support:
• Bit-Reversed Addressing
Linear and Modulo Data Addressing modes can be
applied to data space or program space. Bit-reversed
addressing is only applicable to data space addresses.
4.1
Data Space Organization
Although the data space memory is organized as 16-bit
words,
all
effective
addresses
(EAs)
are
byte
addresses. Instructions can thus access individual
bytes as well as properly aligned words. Word
addresses must be aligned at even boundaries. Mis-
aligned word accesses are not supported, and if
attempted, will initiate an address error trap.
When executing instructions which require just one
source operand to be fetched from data space, the X
RAGU and X WAGU are used to calculate the effective
address. The X RAGU and X WAGU can generate any
address in the 64-Kbyte data space. They support all
MCU Addressing modes and modulo addressing for
low overhead circular buffers. The X WAGU also sup-
ports bit-reversed addressing to facilitate FFT data
reorganization.
When executing instructions which require two source
operands to be concurrently fetched (i.e., the MAC class
of DSP instructions), both the X RAGU and Y AGU are
used simultaneously and the data space is split into two
independent address spaces, X and Y. The Y AGU sup-
ports register indirect post-modified and modulo
addressing only.
In the Split Data Space mode, some W register address
pointers are dedicated to X RAGU, and others to Y
AGU. The EAs of each operand must, therefore, be
restricted within different address spaces. If they are
not, one of the EAs will be outside the address space
of the corresponding data space (and will fetch the bus
default value, 0x0000).
4.2
Instruction Addressing Modes
The Addressing modes in Table 4-1 form the basis of
the Addressing modes optimized to support the specific
features of individual instructions. The Addressing
modes provided in the MAC class of instructions are
somewhat different from those in the other instruction
types.
Some Addressing mode combinations may lead to a
one-cycle stall during instruction execution, or are not
allowed, as discussed in Section 4.3.
TABLE 4-1:
FUNDAMENTAL ADDRESSING MODES SUPPORTED
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the dsPIC30F Family Reference
Manual (DS70046). For more information on the device
instruction set and programming, refer to the dsPIC30F
Programmer’s Reference Manual (DS70030).
Note:
The data write phase of the MAC class of
instructions does not split X and Y address
space. The write EA is calculated using
the X WAGU and the data space is
configured for full 64-Kbyte access.
Addressing Mode
Description
File Register Direct
The address of the File register is specified explicitly.
Register Direct
The contents of a register are accessed directly.
Register Indirect
The contents of Wn forms the EA.
Register Indirect Post-modified
The contents of Wn forms the EA. Wn is post-modified (incremented or
decremented) by a constant value.
Register Indirect Pre-modified
Wn is pre-modified (incremented or decremented) by a signed constant value
to form the EA.
Register Indirect with Register Offset The sum of Wn and Wb forms the EA.
Register Indirect with Literal Offset
The sum of Wn and a literal forms the EA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com