Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 28 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 28 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 24Page - Microchip Technology DSPIC30F Datasheet HTML 25Page - Microchip Technology DSPIC30F Datasheet HTML 26Page - Microchip Technology DSPIC30F Datasheet HTML 27Page - Microchip Technology DSPIC30F Datasheet HTML 28Page - Microchip Technology DSPIC30F Datasheet HTML 29Page - Microchip Technology DSPIC30F Datasheet HTML 30Page - Microchip Technology DSPIC30F Datasheet HTML 31Page - Microchip Technology DSPIC30F Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 248 page
background image
dsPIC30F
DS70083G-page 26
Preliminary
 2004 Microchip Technology Inc.
6.
Two-word instructions for DO: in these instruc-
tions, the fetch after the instruction contains an
address offset. This address offset is added to
the first instruction address to generate the last
loop
instruction
address.
Therefore,
these
instructions require 2 cycles as shown in
Figure 2-7.
FIGURE 2-7:
INSTRUCTION PIPELINE FLOW: 2-WORD, 2-CYCLE DO, DOW
7.
Instructions that are subjected to a stall due to a
data dependency between the X RAGU and
X WAGU: an additional cycle is inserted to
resolve the resource conflict as shown in
Figure 2-7. Instruction stalls caused by data
dependencies
are
further
discussed
in
Section 4.0.
FIGURE 2-8:
INSTRUCTION PIPELINE FLOW: 1-WORD, 2-CYCLE WITH INSTRUCTION STALL
8.
Interrupt
recognition
execution:
refer
to
Section 6.0 for details on interrupts.
T
CY0TCY1TCY2TCY3TCY4
1. PUSH DOEND
Fetch 1
Execute 1
2. DO LABEL,#COUNT
Fetch 2L
NOP
2a. Second Word
Fetch 2H
Execute 2
3. 1st Instruction of Loop
Fetch 3
Execute 3
T
CY0TCY1TCY2TCY3TCY4TCY5
1. MOV.b W0,[W1]
Fetch 1
Execute 1
2. MOV.b [W1],PORTB
Fetch 2
NOP
2a. Stall (NOP)
Stall
Execute 2
3. MOV.b W0,PORTB
Fetch 3
Execute 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com