Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 37 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 37 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 33Page - Microchip Technology DSPIC30F Datasheet HTML 34Page - Microchip Technology DSPIC30F Datasheet HTML 35Page - Microchip Technology DSPIC30F Datasheet HTML 36Page - Microchip Technology DSPIC30F Datasheet HTML 37Page - Microchip Technology DSPIC30F Datasheet HTML 38Page - Microchip Technology DSPIC30F Datasheet HTML 39Page - Microchip Technology DSPIC30F Datasheet HTML 40Page - Microchip Technology DSPIC30F Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 35
dsPIC30F
3.0
MEMORY ORGANIZATION
3.1
Program Address Space
The program address space is 4M instruction words. It
is addressable by a 24-bit value from either the 23-bit
PC, table instruction EA, or data space EA, when pro-
gram space is mapped into data space as defined by
Table 3-1. Note that the program space address is
incremented by two between successive program
words in order to provide compatibility with data space
addressing.
User program space access is restricted to the lower
4M instruction word address range (0x000000 to
0x7FFFFE
) for all accesses other than TBLRD/TBLWT,
which use TBLPAG<7> to determine user or configura-
tion space access. In Table 3-1, Program Space
Address Construction, bit 23 allows access to the
Device ID, the User ID and the configuration bits.
Otherwise, bit 23 is always clear.
TABLE 3-1:
PROGRAM SPACE ADDRESS CONSTRUCTION
FIGURE 3-1:
DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the dsPIC30F Family Reference
Manual (DS70046). For more information on the device
instruction set and programming, refer to the dsPIC30F
Programmer’s Reference Manual (DS70030).
Note:
The address map shown in Figure 3-5 is
conceptual, and the actual memory con-
figuration may vary across individual
devices depending on available memory.
Access Type
Access
Space
Program Space Address
<23>
<22:16>
<15>
<14:1>
<0>
Instruction Access
User
0
PC<22:1>
0
TBLRD/TBLWT
User
(TBLPAG<7> = 0)
TBLPAG<7:0>
Data EA<15:0>
TBLRD/TBLWT
Configuration
(TBLPAG<7> = 1)
TBLPAG<7:0>
Data EA<15:0>
Program Space Visibility
User
0
PSVPAG<7:0>
Data EA<14:0>
0
Program Counter
23 bits
1
PSVPAG Reg
8 bits
EA
15 bits
Program
Using
Select
TBLPAG Reg
8 bits
EA
16 bits
Using
Byte
24-bit EA
0
0
1/0
Select
User/
Configuration
Table
Instruction
Program
Space
Counter
Using
Space
Select
Visibility
Note:
Program space visibility cannot be used to access bits <23:16> of a word in program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com