Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 146Page - Microchip Technology DSPIC30F Datasheet HTML 147Page - Microchip Technology DSPIC30F Datasheet HTML 148Page - Microchip Technology DSPIC30F Datasheet HTML 149Page - Microchip Technology DSPIC30F Datasheet HTML 150Page - Microchip Technology DSPIC30F Datasheet HTML 151Page - Microchip Technology DSPIC30F Datasheet HTML 152Page - Microchip Technology DSPIC30F Datasheet HTML 153Page - Microchip Technology DSPIC30F Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 248 page
background image
dsPIC30F
DS70083G-page 148
Preliminary
 2004 Microchip Technology Inc.
19.7
A/D Acquisition Requirements
The analog input model of the 12-bit A/D converter
is shown in Figure 19-2. The total sampling time for the
A/D is a function of the internal amplifier settling time
and the holding capacitor charge time.
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (C
HOLD) must be allowed
to fully charge to the voltage level on the analog input
pin. The source impedance (R
S), the interconnect
impedance (R
IC), and the internal sampling switch
(R
SS) impedance combine to directly affect the time
required to charge the capacitor C
HOLD. The combined
impedance of the analog sources must therefore be
small enough to fully charge the holding capacitor
within the chosen sample time. To minimize the effects
of pin leakage currents on the accuracy of the A/D con-
verter, the maximum recommended source imped-
ance, R
S, is 2.5 k
Ω. After the analog input channel is
selected (changed), this sampling function must be
completed prior to starting the conversion. The internal
holding capacitor will be in a discharged state prior to
each sample operation.
FIGURE 19-2:
12-BIT A/D CONVERTER ANALOG INPUT MODEL
C
PIN
VA
Rs
ANx
V
T = 0.6V
V
T = 0.6V
I leakage
R
IC
≤ 250Ω
Sampling
Switch
R
SS
C
HOLD
= DAC capacitance
V
SS
V
DD
= 18 pF
± 500 nA
Legend: C
PIN
V
T
I leakage
R
IC
R
SS
C
HOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch resistance
= sample/hold capacitance (from DAC)
various junctions
Note: CPIN value depends on device package and is not tested. Effect of CPIN negligible if Rs ≤ 2.5 kΩ.
R
SS
≤ 3 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com