Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F Datasheet(PDF) 165 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 165 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 161Page - Microchip Technology DSPIC30F Datasheet HTML 162Page - Microchip Technology DSPIC30F Datasheet HTML 163Page - Microchip Technology DSPIC30F Datasheet HTML 164Page - Microchip Technology DSPIC30F Datasheet HTML 165Page - Microchip Technology DSPIC30F Datasheet HTML 166Page - Microchip Technology DSPIC30F Datasheet HTML 167Page - Microchip Technology DSPIC30F Datasheet HTML 168Page - Microchip Technology DSPIC30F Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 248 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70083G-page 163
dsPIC30F
Table 20-5 shows the Reset conditions for the RCON
register. Since the control bits within the RCON register
are R/W, the information in the table implies that all the
bits are negated prior to the action specified in the
condition column.
TABLE 20-5:
INITIALIZATION CONDITION FOR RCON REGISTER: CASE 1
Condition
Program
Counter
TRAPR IOPUWR EXTR SWR WDTO
Idle
Sleep
POR BOR
Power-on Reset
0x000000
0
0
0
0
0
0
0
1
1
Brown-out Reset
0x000000
0
0
0
0
0
0
0
0
1
MCLR Reset during normal
operation
0x000000
0
0
1
0
0
0
0
0
0
Software Reset during
normal operation
0x000000
0
0
0
1
0
0
0
0
0
MCLR Reset during Sleep
0x000000
0
0
1
0
0
0
1
0
0
MCLR Reset during Idle
0x000000
0
0
1
0
0
1
0
0
0
WDT Time-out Reset
0x000000
0
0
0
0
1
0
0
0
0
WDT Wake-up
PC + 2
0
0
0
0
1
0
1
0
0
Interrupt Wake-up from
Sleep
PC + 2(1)
00
0
0
0
0
1
0
0
Clock Failure Trap
0x000004
0
0
0
0
0
0
0
0
0
Trap Reset
0x000000
1
0
0
0
0
0
0
0
0
Illegal Operation Trap
0x000000
0
1
0
0
0
0
0
0
0
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’
Note 1:
When the wake-up is due to an enabled interrupt, the PC is loaded with the corresponding interrupt vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com