Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 31 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button HTMS1301FTK/AF Datasheet HTML 27Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 28Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 29Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 30Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 31Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 32Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 33Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 34Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
31 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.11 LOGIN
Upon reception of this command without error, the transponder IC compares received
password with PWD in memory block (FEh) and if correct it permits write (opt. read)
access to the protected memory area (defined in User config, see Table 4) and reports the
success of the operation in the response. In case a wrong password is issued in a further
login request no access to protected memory blocks will be granted.
Default password: FFFFFFFFh
Table 31.
LOGIN - request format
Flags
Command
IC MFC
Parameter 1 Password
CRC-16
Description
5
6
8
(48)
32
(16)
No. of bits
00(1)00
101000
MFC
-
password
without UII in
READY state
10(1)00
101000
MFC
UII
password
with UII
01(1)00
101000
MFC
-
password
without UII in
SELECTED
state
Table 32.
Response to a successful LOGIN request
Error flag
CRC-16
Description
1
(16)
No. of bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com