Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HTMS1301FTK/AF Datasheet HTML 4Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 5Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 6Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 7Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 8Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 9Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 10Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 11Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
8 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
8.2 Memory configuration
The User Configuration Bock consists of one configurable byte (Byte0) and three reserved
bytes (Byte1 to Byte3)
The bits in the User Configuration Block enable a customized memory configuration of the
HITAG µ ISO 18000 transponder ICs.
Three areas (1 to 127bit, 1 to 511 bits and upper memory) can be restricted to read/write
access.
The User Configuration Block (User Config) is programmable by using WRITE SINGLE
BLOCK command at address FFh. Bits 7 to 31 (Byte1 to Byte3) are reserved for further
usage.
The user configuration block (block address FFh) and the password block (block address
FEh) can be locked with the LOCK BLOCK command.
Attention: The lock of the blocks is permanently and therefore irreversible!
[1]
PWD(w)=1: read without password and write with password
[2]
PWD(r/w)=1: read and write with password
9. General requirements
The HITAG
μ ISO 18000 transponder IC is compatible with the ISO 18000-2 standard.
At the time a HITAG
μ ISO 18000 based transponder is in the interrogator field it doesn’t
respond until it receives a request from the RWD.
All communication from reader to HITAG µ ISO 18000 transponder ICs and vice versa and
the CRC error detection bits (if applicable) are transmitted starting with LSB first.
In the case that multiple HITAG µ ISO 18000 based transponders are in the interrogation
field which cause collisions the RWD has to start the anticollision procedure as described
in this document.
Table 4.
User configuration block to Byte0
Byte0
Description
bit6
bit5
bit4
bit3
bit2
bit1
bit 0
Bit-no.
PWD (r/w) [2]
Bit512… Max
PWD (w) [1]
Bit512… Max
PWD (w) [1]
Bit128… 511
PWD (w) [1]
Bit0… 127
RFU
RFU
RFU
Value/meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com