Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 5 Page - NXP Semiconductors

  HTMS1301FTK/AF Datasheet HTML 1Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 2Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 3Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 4Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 5Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 6Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 7Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 8Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
5 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
7. Mechanical specification
7.1 Wafer specification
See Ref. 2 “General specification for 8” wafer on UV-tape with electronic fail die marking”.
7.1.1 Wafer
• Designation:
each wafer is scribed with batch number and
wafer number
• Diameter:
200 mm (8”)
• Thickness:
150
μm ± 15 μm
• Process:
CMOS 0.14 µm
• Batch size:
25 wafers
• PGDW:
91981
7.1.2 Wafer backside
• Material:
Si
• Treatment:
ground and stress release
• Roughness:
Ra max. 0.5 μm, Rt max. 5 μm
7.1.3 Chip dimensions
• Die size without scribe:
550
μm x 550 μm = 302500 μm2
• Scribe line width:
X-dimension:
15
μm (scribe line width is measured between
nitride edges)
Y-dimension:
15
μm (scribe line width is measured between
nitride edges)
• Number of pads:
5
7.1.4 Passivation on front
• Type:
sandwich structure
• Material:
PE-Nitride (on top)
• Thickness:
1.75
μm total thickness of passivation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com