Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 12 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button HTMS1301FTK/AF Datasheet HTML 8Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 9Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 10Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 11Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 12Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 13Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 14Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 15Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
12 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
10.2 Communication signal interface - HITAG µ ISO 18000 transponder IC
to RWD
10.2.1 Data rate and data coding
The HITAG µ ISO 18000 transponder IC accepts the following data rate and encoding
scheme:
• 1/TFd Manchester coded data signal on the response to the HITAG µ ISO 18000
transponder IC
• 1/(2 ×TFd) dual pattern data coding when responding within the inventory process
TFd = 32 / fc = 32 × Tc
Remark: The slower data rate used during the inventory process allows for improving the
collision detection when several HITAG µ ISO 18000 transponder ICs are present in the
RWD field, especially if some transponder ICs are in the near field and others in the far
field.
Fig 7.
HITAG µ ISO 18000 transponder IC - Load modulation coding
001aaj830
TFd
load off
data "0"
load on
TFd
TFd
load off
load on
TFd
load off
data "1"
load on
TFd
load off
load on
TFd
response encoding in
INVENTORY mode
response encoding to a RWD
request in data exchange mode
data
element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com