Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HTMS1301FTK/AF Datasheet HTML 31Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 32Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 33Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 34Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 35Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 36Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 37Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 38Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
35 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
19. Package outline
Fig 15. Package outline SOT1122
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
sot1122
Unit
m
max
nom
min
0.50
0.04
0.55
0.425
0.30
0.25
0.22
0.35
0.30
0.27
A(1)
mensions
tes
Dimension A is including plating thickness.
Can be visible in some manufacturing processes.
A1
D
1.50
1.45
1.40
1.05
1.00
0.95
Ee
e1
0.55
0.50
0.47
0.45
0.40
0.37
bb1
LL1
D
E
e1
e
A1
b1
L1
L
e1
0
1
2 mm
scale
3
1
2
b
4
×
(2)
4
×
(2)
A
pin 1 indication
type code
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com