Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 4 Page - NXP Semiconductors

  HTMS1301FTK/AF Datasheet HTML 1Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 2Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 3Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 4Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 5Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 6Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 7Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 8Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
4 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
6. Pinning information
Note: All pads except LA and LB are electrically disconnected after dicing.
Fig 2.
HITAG µ ISO 1800 - Mega bumps bondpad locations
Table 2.
HITAG µ ISO 18000 - Mega bumps dimensions
Description
Dimension
(X) chip size
550 µm
(Y) chip size
550 µm
(1) pad center to chip edge
100.5 µm
(2) pad center to chip edge
48.708 µm
(3) pad center to chip edge
180.5 µm
(4) pad center to chip edge
55.5 µm
(5) pad center to chip edge
48.508 µm
(6) pad center to chip edge
165.5 µm
Bump Size:
LA, LB
294 x 164 µm
Remaining pads
60 x 60 µm
001aaj823
(4)
(4)
(3)
(Y)
(X)
(2)
(5)
(6)
(6)
(1)
(1)
LA
LB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com