Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FTK/AF Datasheet(PDF) 42 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button HTMS1301FTK/AF Datasheet HTML 36Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 37Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 38Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 39Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 40Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 41Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 42Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 43Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
42 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
25. Tables
Table 1.
Ordering information. . . . . . . . . . . . . . . . . . . . . .2
Table 2.
HITAG µ ISO 18000 - Mega bumps dimensions.4
Table 3.
Memory organization . . . . . . . . . . . . . . . . . . . . .7
Table 4.
User configuration block to Byte0. . . . . . . . . . . .8
Table 5.
Modulation coding times[1][2]. . . . . . . . . . . . . . . .9
Table 6.
Data coding times [1] . . . . . . . . . . . . . . . . . . . . .10
Table 7.
Overview timing parameters [1] . . . . . . . . . . . . .16
Table 8.
Reader - Transponder IC transmission [1][2] . . .20
Table 9.
Transponder IC - Reader transmission [1][2] . . .20
Table 10. Command Flags . . . . . . . . . . . . . . . . . . . . . . . .21
Table 11. Command Flags - Bit order. . . . . . . . . . . . . . . .21
Table 12. Meaning of ADR and SEL flag . . . . . . . . . . . . .21
Table 13. Response format in error case . . . . . . . . . . . . .22
Table 14. INVENTORY - Request format (00h) . . . . . . . .23
Table 15. Response to a successful INVENTORY request
[1][2] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 16. STAY QUIET - request format(01h) . . . . . . . . .23
Table 17. READ UII - request format (02h) . . . . . . . . . . .24
Table 18. Response to a successful READ UII request .24
Table 19. READ MULTIPLE BLOCKS - request format
(12h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 20. Response to a successful READ MULTIPLE
BLOCKS request . . . . . . . . . . . . . . . . . . . . . . .25
Table 21. READ MULTIPLE BLOCKS - request format
(12h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Table 22. READ MULTIPLE BLOCKS in INVENTORY mode
Response format [1] . . . . . . . . . . . . . . . . . . . . . 26
Table 23. WRITE SINGLE BLOCK - request format
(14h). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 24. Response to a successful WRITE SINGLE
BLOCK request . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 25. LOCK BLOCK - request format (16h) . . . . . . . 28
Table 26. Response to a successful LOCK BLOCK
request . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 27. SELECT - request format (18h) . . . . . . . . . . . . 29
Table 28. Response to a successful SELECT request . . 29
Table 29. GET SYSTEM INFORMATION - request format
(17h). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 30. GET SYSTEM INFORMATION - response
format. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 31. LOGIN - request format . . . . . . . . . . . . . . . . . . 31
Table 32. Response to a successful LOGIN request. . . . 31
Table 33. Limiting values[1][2] . . . . . . . . . . . . . . . . . . . . . . 33
Table 34. Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 35. Marking SOT1122 . . . . . . . . . . . . . . . . . . . . . . 34
Table 36. Pin description SOT1122 . . . . . . . . . . . . . . . . . 34
Table 37. Marking example . . . . . . . . . . . . . . . . . . . . . . . 34
Table 38. Marking HVSON2 . . . . . . . . . . . . . . . . . . . . . . 34
Table 39. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 40: Revision history . . . . . . . . . . . . . . . . . . . . . . . . 39
26. Figures
Fig 1.
Block diagram of HITAG µ ISO 18000 transponder
IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Fig 2.
HITAG µ ISO 1800 - Mega bumps bondpad
locations. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 3.
Modulation details of data transmission from RWD
to HITAG µ transponder IC . . . . . . . . . . . . . . . . . .9
Fig 4.
Reader to HITAG µ ISO 18000 transponder IC:
Pulse Interval Encoding . . . . . . . . . . . . . . . . . . . .10
Fig 5.
Start of frame pattern . . . . . . . . . . . . . . . . . . . . . . 11
Fig 6.
End of frame pattern . . . . . . . . . . . . . . . . . . . . . . 11
Fig 7.
HITAG µ ISO 18000 transponder IC - Load
modulation coding . . . . . . . . . . . . . . . . . . . . . . . .12
Fig 8.
Start of fame pattern . . . . . . . . . . . . . . . . . . . . . .13
Fig 9.
General protocol timing diagram . . . . . . . . . . . . .14
Fig 10. Protocol timing diagram without HITAG µ ISO 18000
transponder IC response . . . . . . . . . . . . . . . . . . .16
Fig 11. State diagram of HITAG µ ISO18000 transponder
ICs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
Fig 12. HITAG µ ISO 18000 transponder IC response - in
case of no error . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 13. HITAG µ ISO 18000 transponder IC response - in
error case. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 14. Marking overview. . . . . . . . . . . . . . . . . . . . . . . . .34
Fig 15. Package outline SOT1122 . . . . . . . . . . . . . . . . . .35
Fig 16. Package outline HVSON2 . . . . . . . . . . . . . . . . . .36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com