Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 132 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 128Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 129Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 130Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 131Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 132Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 133Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 134Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 135Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 157 page
background image
General Release Specification
Power Considerations
MC68HC705C9A — Rev. 2.0
Electrical Specifications
12.5 Power Considerations
The average chip-junction temperature, T
J, in °C, can be obtained from:
T
J = TA + (PD × θJA)
(1)
where:
T
A = Ambient temperature, °C
θ
JA = Package thermal resistance, junction to ambient, °C/W
P
D = PINT + PI
/O
P
INT = IDD × VDD watts (chip internal power)
P
I
/O = Power dissipation on input and output pins (user determined)
For most applications P
I
/O « PINT and can be neglected.
The following is an approximate relationship between P
D and TJ
(neglecting P
J):
P
D = K ÷ (TJ + 273 °C)
(2)
Solving equations (1) and (2) for K gives:
K = P
D × (TA + 273 °C) + θJA × (PD)
2
(3)
where K is a constant pertaining to the particular part. K can be
determined from equation (3) by measuring P
D (at equilibrium) for a
known T
A. Using this value of K, the values of PD and TJ can be obtained
by solving equations (1) and (2) iteratively for any value of T
A.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com