Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 136 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 132Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 133Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 134Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 135Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 136Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 137Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 138Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 139Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 157 page
background image
General Release Specification
DC Electrical Characteristics
MC68HC705C9A — Rev. 2.0
Electrical Specifications
Figure 12-2. Maximum Supply Current vs Internal Clock Frequency, V
DD = 5.5 V
Figure 12-3. Maximum Supply Current vs Internal Clock Frequency, V
DD = 3.6 V
1.00 mA
2.00 mA
3.00 mA
4.00 mA
5.00 mA
1.5 MHz
2.0 MHz
0.5 MHz
1.0 MHz
INTERNAL CLOCK FREQUENCY (XTAL
÷ 2)
50
µA
STOP I
DD
WAIT
I DD
RUN
(OPERATING)
I DD
V
DD = 5.5 V
T = -40
° to 85°
(MHz)
500
µA
1.00 mA
1.50 mA
0.5 MHz
1.0 MHz
WAIT
I DD
V
DD = 3.6 V
T = -40
° to 85°
STOP I
DD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com