Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 140 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 136Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 137Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 138Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 139Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 140Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 141Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 142Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 143Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 157 page
background image
General Release Specification
Control Timing
MC68HC705C9A — Rev. 2.0
Electrical Specifications
Figure 12-7. Power-On Reset Timing Diagram
Figure 12-8. External Reset Timing
3FFE
4064 t
CYC
V
DD
OSC1 PIN2
INTERNAL
CLOCK3
INTERNAL
DATA BUS3
3FFE
3FFE
3FFE
3FFE
3FFE
3FFF
(NOTE 1)
1. Power-on reset threshold is typically between 1 V and 2 V.
3. Internal clock, internal address bus, and internal data bus are not available externally.
NEW
PCH
NEW
PCL
2. OSC1 line is meant to represent time only, not frequency.
4. RESET outputs VOL during 4064 POR cycles.
NOTES:
RESET PIN
(NOTE 4)
INTERNAL
ADDRESS BUS3
INTERNAL
CLOCK1
INTERNAL
ADDRESS BUS1
NOTES:
INTERNAL
DATA BUS1
3FFE
3FFE
3FFF
NEW PC
1. Internal clock, internal address bus, and internal data bus are not available externally.
2. The next rising edge of the internal clock after the rising edge of RESET initiates the reset sequence.
NEW
PCH
t
RL
NEW
PCL
OP
CODE
RESET2
3FFE
3FFE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com