Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 139 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 135Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 136Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 137Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 138Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 139Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 140Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 141Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 142Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 157 page
background image
General Release Specification
Control Timing
MC68HC705C9A — Rev. 2.0
Electrical Specifications
Figure 12-5. External Interrupt Timing
Figure 12-6. STOP Recovery Timing Diagram
IRQ
tILIH
tILIL
tILIH
IRQ PIN
IRQ1
IRQN
.
.
.
a. Edge-Sensitive Trigger Condition. The minimum pulse width (t
ILIH) is either 125 ns (fOP = 2.1 MHz)
or 250 ns (f
OP = 1 MHz). The period tILIL should not be less than the number of tCYC cycles it takes to
execute the interrupt service routine plus 19 t
CYC cycles.
b. Level-Sensitive Trigger Condition. If after servicing an interrupt the IRQ remains low,
(INTERNAL)
NORMALLY
USED WITH
WIRED-OR
CONNECTION
the next interrupt is recognized
t
ILIH
4064 t
CYC
OSC1
t
RL
RESET
IRQ2
IRQ3
INTERNAL
CLOCK
NOTES:
1. Represents the internal clocking of the OSC1 pin
2. IRQ pin edge-sensitive mask option
3. IRQ pin level- and edge-sensitive mask option
4. RESET vector address shown for timing example
RESET OR INTERRUPT
VECTOR FETCH
3FFE
3FFE
3FFE
3FFE
3FFE
3FFF4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com