Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 134 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 130Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 131Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 132Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 133Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 134Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 135Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 136Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 137Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 157 page
background image
General Release Specification
DC Electrical Characteristics
MC68HC705C9A — Rev. 2.0
Electrical Specifications
12.6 DC Electrical Characteristics
Table 12-1. DC Electrical Characteristics (V
DD = 5.0 Vdc)
(1)
Characteristic(2)
Symbol
Min
Typ
Max
Unit
Output Voltage
I
LOAD = 10.0 µA
I
LOAD = –10.0 µA
VOL
VOH
—
V
DD–0.1
—
—
0.1
—
V
Output High Voltage
(I
LOAD = –0.8 mA) PA7–PA0, PB7–PB0, PC6–PC0,
TCMP, PD7, PD0
(I
LOAD = –1.6 mA) PD5–PD1
(I
LOAD = –5.0 mA) PC7
VOH
V
DD–0.8
V
DD–0.8
V
DD–0.8
—
—
—
—
—
—
V
Output Low Voltage
(I
LOAD = 1.6 mA) PA7–PA0, PB7–PB0, PC6–PC0,
PD7, PD5–PD0, TCMP
(I
LOAD = 10 mA) PC7
VOL
—
—
—
—
0.4
0.4
V
Input High Voltage
PA7–PA0, PB7–PB0, PC7–PC0, PD7,
PD5–PD0, TCAP, IRQ, RESET, OSC1
VIH
0.7
× V
DD
—V
DD
V
Input Low Voltage
PA7–PA0, PB7–PB0, PC7–PC0, PD7,
PD5–PD0, TCAP, IRQ, RESET, OSC1
VIL
V
SS
—
0.2
× V
DD
V
Supply Current (4.5–5.5 Vdc @ f
OP = 2.1 MHz)
Run(3)
Wait(4)
Stop(5)
25
°C
–40 to 85
°C
IDD
—
—
—
—
3.5
1.0
1.0
7.0
5.25
3.25
20.0
50.0
mA
mA
µA
µA
I/O Ports Hi-Z Leakage Current
PA7–PA0, PB7–PB0 (Without Pullup)
PC7–PC0, PD7, PD5–PD0
IOZ
——
10
µA
Input Current
RESET, IRQ, OSC1, TCAP, PD7, PD5–PD0
IIN
——
1
µA
Input Pullup Current(6)
PB7–PB0 (With Pullup)
IIN
5—
60
µA
Capacitance
Ports (as Input or Output)
RESET, IRQ, OSC1, TCAP, PD7, PD5, PD0
COUT
CIN
—
—
—
—
12
8
pF
Programming Voltage (25
°C)
VPP
15.0
16.0
17.0
V
Programming Current (25
°C)
IPP
—
—
200
mA
NOTES:
1.
V
DD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 to +85 °C, unless otherwise noted
2.
Typical values reflect measurements taken on average processed devices at the midpoint of voltage range, 25
°C only.
3.
Run (operating) I
DD measured using external square wave clock source; all I/O pins configured as inputs, port B = VDD,
all other inputs V
IL = 0.2 V, VIH = VDD–0.2 V; no DC loads; less than 50 pF on all outputs; CL = 20 pF on OSC2
4.
Wait I
DD measured using external square wave clock source; all I/O pins configured as inputs, port B = VDD, all other
inputs V
IL = 0.2 V, VIH = VDD–0.2 V; no DC loads; less than 50 pF on all outputs; CL = 20 pF on OSC2. Wait IDD is
affected linearly by the OSC2 capacitance.
5.
Stop I
DD measured with OSC1 = 0.2 V; all I/O pins configured as inputs, port B = VDD, all other inputs VIL = 0.2 V,
V
IH = VDD–0.2 V.
6.
Input pullup current measured with V
IL = 0.2 V.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com