Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 103 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 100Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
General Release Specification
Functional Description
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
10.5 Functional Description
Figure 10-2 shows a block diagram of the serial peripheral interface
circuitry. When a master device transmits data to a slave via the MOSI
line, the slave device responds by sending data to the master device via
the master’s MISO line. This implies full duplex transmission with both
data out and data in synchronized with the same clock signal. Thus, the
byte transmitted is replaced by the byte received and eliminates the
need for separate transmit-empty and receive-full status bits. A single
status bit (SPIF) is used to signify that the I/O operation has been
completed.
Figure 10-2. Serial Peripheral Interface Block Diagram
6
7
543210
SPE
SPIE
SPI CONTROL REGISTER (SPCR)
MSTR
CPOL
CPHA
SPR1
SPR2
$000A
WCOL
SPIF
SPI STATUS REGISTER (SPSR)
0
MODF
0
0
$000B
BIT 6
BIT 7
SPI DATA REGISTER (SPDR)
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$000C
DWOM
00
SPI SHIFT REGISTER
DIVIDER
CLOCK
LOGIC
SPDR ($000C)
7 6 5 4 3 2 1 0
MODF
WCOL
SPIF
SPR1
SPR0
CPOL
CPHA
MSTR
SPE
SPIE
PD3/
MOSI
PD2/
MISO
÷ 2
÷ 32
÷ 16
÷ 4
SELECT
SPI
CONTROL
INTERNAL DATA BUS
MSTR
S
M
S
M
INTERNAL
CLOCK
(XTAL
÷2)
SPI CLOCK (MASTER)
SPI INTERRUPT REQUEST
PD4/
SCK
PD5/
SS
(SLAVE)
SPI
SPI
(MASTER)
CLOCK
CLOCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com