Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 105 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 101Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 102Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 107Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 108Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 157 page
background image
General Release Specification
SPI Registers
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
10.6 SPI Registers
Three registers in the SPI provide control, status, and data storage
functions. These registers are called the serial peripheral control register
(SPCR), serial peripheral status register (SPSR), and serial peripheral
data I/O register (SPDR) and are described in the following paragraphs.
10.6.1 Serial Peripheral Control Register (SPCR)
The SPI control register, shown in Figure 10-4, controls these functions:
•
Enables SPI interrupts
•
Enables the SPI system
•
Selects between standard CMOS or open drain outputs for port D
(C9A mode only)
•
Selects between master mode and slave mode
•
Controls the clock/data relationship between master and slave
•
Determines the idle level of the clock pin
SPIE — Serial Peripheral Interrupt Enable
This read/write bit enables SPI interrupts. Reset clears the SPIE bit.
1 = SPI interrupts enabled
0 = SPI interrupts disabled
SPE — Serial Peripheral System Enable
This read/write bit enables the SPI. Reset clears the SPE bit.
1 = SPI system enabled
0 = SPI system disabled
$000A
Bit 7
654321
Bit 0
Read:
SPIE
SPE
DWOM
(C9A)
MSTR
CPOL
CPHA
SPR1
SPR0
Write:
Reset:
000001
U
U
U = Undetermined
Figure 10-4. SPI Control Register (SPCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com