Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 107 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 103Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 104Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 105Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 106Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 107Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 108Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 109Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 110Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 157 page
background image
General Release Specification
SPI Registers
MC68HC705C9A — Rev. 2.0
Serial Peripheral Interface
10.6.2 Serial Peripheral Status Register (SPSR)
The SPI status register, shown in Figure 10-5, contains flags to signal
the following conditions:
•
SPI transmission complete
•
Write collision
•
Mode fault
SPIF — SPI Transfer Complete Flag
The serial peripheral data transfer flag bit is set upon completion of
data transfer between the processor and external device. If SPIF
goes high, and if SPIE is set, a serial peripheral interrupt is generated.
Clearing the SPIF bit is accomplished by reading the SPSR (with
SPIF set) followed by an access of the SPDR. Following the initial
transfer, unless SPSR is read (with SPIF set) first, attempts to write to
SPDR are inhibited.
Table 10-1. SPI Clock
Rate Selection
SPR[1:0]
SPI Clock Rate
00
Internal Clock
÷ 2
01
Internal Clock
÷ 4
10
Internal Clock
÷ 16
11
Internal Clock
÷ 32
SPSR
Bit 7
654321
Bit 0
Read:
SPIF
WCOL
0
MODF
0000
Write:
Reset:
00000000
= Unimplemented
Figure 10-5. SPI Status Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com