Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 17Page - NXP Semiconductors APR3/D Datasheet HTML 18Page - NXP Semiconductors APR3/D Datasheet HTML 19Page - NXP Semiconductors APR3/D Datasheet HTML 20Page - NXP Semiconductors APR3/D Datasheet HTML 21Page - NXP Semiconductors APR3/D Datasheet HTML 22Page - NXP Semiconductors APR3/D Datasheet HTML 23Page - NXP Semiconductors APR3/D Datasheet HTML 24Page - NXP Semiconductors APR3/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
DSP56001A
DC Electrical Characteristics
MOTOROLA
DSP56001A/D, Rev. 1
2-3
DC ELECTRICAL CHARACTERISTICS
Table 2-5
DC Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Units
Supply Voltage
27 MHz
33 MHz
VCC
4.5
4.75
5.0
5.0
5.5
5.25
V
V
Input High Voltage
•
EXTAL
•
RESET
•
MODA, MODB
•
All other inputs
VIHC
VIHR
VIHM
VIH
4.0
2.5
3.5
2.0
—
—
—
—
VCC
VCC
VCC
VCC
V
V
V
V
Input Low Voltage
•
EXTAL
•
MODA, MODB
•
All other inputs
VILC
VILM
VIL
–0.5
–0.5
–0.5
—
—
—
0.6
2.0
0.8
V
V
V
Input Leakage Current
EXTAL, RESET, MODA/IRQA, MODB/IRQB,
DR, BR/WT
IIN
–1
—
1
µA
Tri-state (Off–state) Input Current (@ 2.4 V/0.4 V)
ITSI
–10
—
10
µA
Output High Voltage (IOH = –0.4 mA)
VOH
2.4
—
—
V
Output Low Voltage (IOL = 1.6 mA)
HREQ IOL = 6.7 mA, TXD IOL = 6.7 mA
VOL
—
—
0.4
V
Internal Supply Current at 33 MHz (Note 1)
• In Wait mode (Note 2)
• In Stop mode (Note 2)
ICCI
ICCW
ICCS
—
—
—
80
10
2
115
25
2000
mA
mA
µA
Input Capacitance (Note 3)
CIN
—10
—
pF
Note:
1.
Section 4 Design Considerations
describes how to calculate the external supply current.
2.
In order to obtain these results all inputs must be terminated (i.e., not allowed to float).
3.
Periodically sampled and not 100% tested
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com