Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 84Page - NXP Semiconductors APR3/D Datasheet HTML 85Page - NXP Semiconductors APR3/D Datasheet HTML 86Page - NXP Semiconductors APR3/D Datasheet HTML 87Page - NXP Semiconductors APR3/D Datasheet HTML 88Page - NXP Semiconductors APR3/D Datasheet HTML 89Page - NXP Semiconductors APR3/D Datasheet HTML 90Page - NXP Semiconductors APR3/D Datasheet HTML 91Page - NXP Semiconductors APR3/D Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
4-14
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Application Examples
Figure 4-5
shows a circuit that waits until VCC on the DSP56001A is at least 4.5 V before initiating
a 75,000
× T
C oscillator stabilization delay required for the on-chip oscillator (only 25 × TC is
required for an external oscillator). This insures that the DSP is operational and stable before
releasing the reset signal.
Figure 4-5 Reset Circuit Using MC34064/MC33064
Note:
1.
IRQA, and IRQB must be driven to the logic levels appropriate for the application.
2.
MODA and MODB must be driven to the logic levels appropriate for the application.
RESET
1.2 VREF
+5V
MC34064
U1
MC33064
2 (2)
3 (4)
1 (1)
CDLY
R
tDLY = RCDLY In
1
1 -
VTH
VIN - VOL
Where:
Logic
Reset
tDLY = 75,000 TC minimum
VIN = 5 V
fOSC = 20 MHz
VTH = 2.5 V
VOL = 0.4 V
CDLY = 1 mf ± 20%
TC = 50 ns
R = 8.2 K
± 5%
+
–
AA0908
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com