Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 25 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 21Page - NXP Semiconductors APR3/D Datasheet HTML 22Page - NXP Semiconductors APR3/D Datasheet HTML 23Page - NXP Semiconductors APR3/D Datasheet HTML 24Page - NXP Semiconductors APR3/D Datasheet HTML 25Page - NXP Semiconductors APR3/D Datasheet HTML 26Page - NXP Semiconductors APR3/D Datasheet HTML 27Page - NXP Semiconductors APR3/D Datasheet HTML 28Page - NXP Semiconductors APR3/D Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
DSP56001A
RESET, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56001A/D, Rev. 1
2-7
RESET, STOP, MODE SELECT, AND INTERRUPT TIMING
VCC = 5.0 V ± 10% for 27 MHz; VCC = 5.0 V ± 5% for 33 MHz
TJ = -40 to +105 ˚C; CL = 50 pF + 1 TTL loads
WS = number of wait states programmed into the external bus access using BCR (WS = 0–15)
Table 2-8
Reset, Stop, Mode Select, and Interrupt Timing (27/33 MHz)
Num
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
9
Delay from RESET Assertion to
Address High Impedance
(periodically sampled and not
100% tested)
—38—31
ns
10 Minimum Stabilization
Duration
•
Internal Oscillator (See
Note 1)
•
External clock (See
Note 2)
75000
× T
C
25
× T
C
—
—
75000
× T
C
25
× T
C
—
—
ns
ns
11 Delay from Asynchronous
RESET Deassertion to First
External Address Output
(Internal Reset Deassertion)
8
× T
C
9
× T
C + 31
8
× T
C
9
× T
C + 25
ns
12 Synchronous Reset Setup Time
from RESET Deassertion to first
CKOUT transition
15
TC - 8
13
TC - 7
ns
13 Synchronous Reset Delay Time
from the first CKOUT
transition to the First External
Address Output
8
× T
C + 5
8
× T
C + 23
8
× T
C + 5
8
× T
C + 19
ns
14 Mode Select Setup Time
77
—
62
—
ns
15 Mode Select Hold Time
0—0—
ns
16 Minimum Edge-Triggered
Interrupt Request Assertion
Width
17—16—
ns
16a Minimum Edge-Triggered
Interrupt Request Deassertion
Width
10—10—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com