Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 19Page - NXP Semiconductors APR3/D Datasheet HTML 20Page - NXP Semiconductors APR3/D Datasheet HTML 21Page - NXP Semiconductors APR3/D Datasheet HTML 22Page - NXP Semiconductors APR3/D Datasheet HTML 23Page - NXP Semiconductors APR3/D Datasheet HTML 24Page - NXP Semiconductors APR3/D Datasheet HTML 25Page - NXP Semiconductors APR3/D Datasheet HTML 26Page - NXP Semiconductors APR3/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
DSP56001A
External Clock (EXTAL Pin)
MOTOROLA
DSP56001A/D, Rev. 1
2-5
EXTERNAL CLOCK (EXTAL PIN)
The DSP56001A system clock may be derived from the on-chip crystal oscillator as shown in
Figure 2-2
, or it may be externally supplied. An externally supplied square wave voltage source
should be connected to EXTAL, leaving XTAL physically unconnected to the board or socket.
The rise and fall times of this external clock should be 4 ns maximum.
Figure 2-2 Crystal Oscillator Circuits
Suggested Component
Values
R = 680 k
Ω ± 10%
C = 20 pf
± 20%
Fundamental Frequency
Crystal Oscillator
3rd Overtone
Crystal Oscillator
Suggested Component Values
R1 = 470 k
Ω ± 10%
R2 = 330
Ω ± 10%
C1 = 0.1
µf ± 20%
C2 = 26 pf
± 20%
C3 = 20 pf
± 10%
L1 = 2.37
µH ± 10%
XTAL = 33 MHz, AT cut, 20 pf load,
50
Ω max series resistance
Note:
1.
The suggested crystal source is
ICM, # 433163 – 4.00
(4 MHz fundamental, 20 pf load) or
# 436163 – 30.00
(30 MHz fundamental, 20 pf load)
2.
To reduce system cost, a ceramic
resonator may be used instead of
the crystal. Suggested source:
Murata-Erie #CST4.00MGW040
(4 MHz with built-in load capacitors)
Note:
1.
3rd overtone crystal
2.
The suggested crystal source is
ICM, # 471163 – 33.00 (33 MHz
3rd overtone, 20 pf load)
3.
R2 limits crystal current
4.
Reference Benjamin Parzen,
The Design of Crystal and
Other Harmonic Oscillators,
John Wiley & Sons, 1983
XTAL EXTAL
R
C
C
XTAL1
R1
C3
C2
XTAL11
C3
R2
EXTAL
XTAL
AA0886
L1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com