Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 64 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 60Page - NXP Semiconductors APR3/D Datasheet HTML 61Page - NXP Semiconductors APR3/D Datasheet HTML 62Page - NXP Semiconductors APR3/D Datasheet HTML 63Page - NXP Semiconductors APR3/D Datasheet HTML 64Page - NXP Semiconductors APR3/D Datasheet HTML 65Page - NXP Semiconductors APR3/D Datasheet HTML 66Page - NXP Semiconductors APR3/D Datasheet HTML 67Page - NXP Semiconductors APR3/D Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
3-12
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
76
A12
95
nc
114
D19
77
A13
96
D9
115
D20
78
nc
97
D10
116
nc
79
A14
98
nc
117
nc
80
A15
99
D11
118
D21
81
D0
100
VCCD
119
D22
82
D1
101
VCCD
120
D23
83
nc
102
D12
121
MODB/IRQB
84
nc
103
nc
122
nc
85
D2
104
D13
123
MODA/IRQA
86
D3
105
D14
124
RESET
87
D4
106
D15
125
nc
88
D5
107
nc
126
XTAL
89
nc
108
D16
127
EXTAL
90
GNDD
109
D17
128
VCCQ
91
GNDD
110
nc
129
VCCQ
92
D6
111
GNDD
130
GNDQ
93
D7
112
GNDD
131
GNDQ
94
D8
113
D18
132
nc
Note:
1.
“nc” are no connection pins that are reserved for possible future enhancements. Do not
connect these pins to any power, ground, signal traces, or vias.
2.
An OVERBAR indicates the signal is asserted when the voltage = ground (active low).
Table 3-3
DSP56001A Signal Identification by Pin Number —PQFP & CQFP
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com