Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 66 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 62Page - NXP Semiconductors APR3/D Datasheet HTML 63Page - NXP Semiconductors APR3/D Datasheet HTML 64Page - NXP Semiconductors APR3/D Datasheet HTML 65Page - NXP Semiconductors APR3/D Datasheet HTML 66Page - NXP Semiconductors APR3/D Datasheet HTML 67Page - NXP Semiconductors APR3/D Datasheet HTML 68Page - NXP Semiconductors APR3/D Datasheet HTML 69Page - NXP Semiconductors APR3/D Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
3-14
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
D5
88
K2
GNDN
55
L6
D6
92
K1
GNDN
56
L9
D7
93
J2
GNDN
73
GNDN
74
PB2
20
C12
GNDQ
33
B7
PB3
19
B13
GNDQ
34
G11
PB4
16
B12
GNDQ
130
PB5
15
A13
GNDQ
131
PB6
14
A12
H0
25
D12
PB7
11
B11
H1
22
C13
PB8
5
B8
H2
20
C12
PB9
2
A8
H3
19
B13
PB10
1
A7
H4
16
B12
PB11
9
A11
H5
15
A13
PB12
8
A10
H6
14
A12
PB13
10
B10
H7
11
B11
PB14
6
A9
HA0
5
B8
PC0
27
D13
HA1
2
A8
PC1
28
E13
HA2
1
A7
PC2
29
F13
HACK
6
A9
PC3
31
F12
HEN
8
A10
PC4
40
K13
HR/W
9
A11
PC5
37
H13
HREQ
10
B10
PC6
32
G13
IRQA
123
B5
PC7
42
J12
Table 3-4
DSP56001A Identification by Signal Name (Continued)
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com