Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR3/D Datasheet(PDF) 77 Page - NXP Semiconductors

Part # APR3/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR3/D Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button APR3/D Datasheet HTML 73Page - NXP Semiconductors APR3/D Datasheet HTML 74Page - NXP Semiconductors APR3/D Datasheet HTML 75Page - NXP Semiconductors APR3/D Datasheet HTML 76Page - NXP Semiconductors APR3/D Datasheet HTML 77Page - NXP Semiconductors APR3/D Datasheet HTML 78Page - NXP Semiconductors APR3/D Datasheet HTML 79Page - NXP Semiconductors APR3/D Datasheet HTML 80Page - NXP Semiconductors APR3/D Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
DSP56001A
Substituting the DSP56001A for the DSP56001
MOTOROLA
DSP56001A/D, Rev. 1
4-3
MOVEP IMMEDIATE
MOVEP Immediate instructions take 3 instruction cycles on the DSP56001. On the DSP56001A,
these instructions take only 2 instruction cycles. DSP56001 software that is dependent on the
timing of this form of the MOVEP instruction must be modified when ported to the DSP56001A.
ILLEGAL INSTRUCTIONS
The instructions listed in Table 4-1 will not generate an illegal instruction interrupt on the
DSP56001A. None of these instructions are tested on the DSP56001A and should not be used.
Note:
The DEBUG and DEBUGcc instructions are microcoded on the DSP56001A,
but the peripherals necessary to make use of this instruction are not available.
Any use of the DEBUG or DEBUGcc instructions will completely halt the
processor. The processor will exit this state only on reset.
STOP/WAIT TIMING
Wake-up from the Stop and Wait operating modes with IRQA and IRQB is longer on the
DSP56001A by one Tc period.
SCI/SSI INITIALIZATION TIMING
On the DSP56001A, the SCI and SSI clocks are stopped when the peripherals are not enabled in
order to save power. As a result, the initialization time of the SCI and SSI is longer on the
DSP56001A than on the DSP56001.
Table 4-1
Illegal Instructions
Instruction Symbol
Instruction Name
DEBUG—DO NOT USE
Enter Debug mode
DEBUGcc—DO NOT USE
Enter Debug mode conditionally
DEC
Decrement by one
INC
Increment by one
MAC #iiii
Signed multiply-accumulate immediate
MPY #iiii
Signed multiply immediate
MACR #iiii
Signed multiply-accumulate and round immediate
MPYR #iiii
Signed multiply and round immediate
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com