Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 15Page - NXP Semiconductors APR6/D Datasheet HTML 16Page - NXP Semiconductors APR6/D Datasheet HTML 17Page - NXP Semiconductors APR6/D Datasheet HTML 18Page - NXP Semiconductors APR6/D Datasheet HTML 19Page - NXP Semiconductors APR6/D Datasheet HTML 20Page - NXP Semiconductors APR6/D Datasheet HTML 21Page - NXP Semiconductors APR6/D Datasheet HTML 22Page - NXP Semiconductors APR6/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 101 page
background image
MOTOROLA
DSP56001A/D, Rev. 1
2-1
SECTION
2
SPECIFICATIONS
GENERAL CHARACTERISTICS
The DSP56001A is fabricated in high-density HCMOS with TTL compatible inputs and outputs.
Note:
This device contains circuitry protecting against damage due to
high static voltage or electrical fields; however, it is advised that
normal precautions be taken to avoid application of any voltages
higher than maximum-rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused inputs are
tied to an appropriate logic voltage level (e.g., either GND or VCC).
Table 2-1
Absolute Maximum Ratings (GND = 0 V)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
–0.3 to +7.0
V
All Input Voltages
VIN
(GND – 0.5) to (VCC + 0.5)
V
Current Drain per Pin excluding VCC and GND
I
10
mA
Storage Temperature
Tstg
–55 to +150
°C
Table 2-2
Recommended Operating Conditions
Rating
Symbol
Value
Unit
Supply Voltage
VCC
4.5 to 5.5
V
Operating Temperature Range (See Note 1)
TA
-40 to +105
°C
Table 2-3
Thermal Characteristics for 88-pin PGA Package
Thermal Resistance
Symbol
Value
Rating
Junction to Ambient (See Note 2)
RθJA
27
°C/W
Junction to Case (estimated) (See Note 3)
RθJC
6.5
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com