Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 4 Page - NXP Semiconductors

  APR6/D Datasheet HTML 1Page - NXP Semiconductors APR6/D Datasheet HTML 2Page - NXP Semiconductors APR6/D Datasheet HTML 3Page - NXP Semiconductors APR6/D Datasheet HTML 4Page - NXP Semiconductors APR6/D Datasheet HTML 5Page - NXP Semiconductors APR6/D Datasheet HTML 6Page - NXP Semiconductors APR6/D Datasheet HTML 7Page - NXP Semiconductors APR6/D Datasheet HTML 8Page - NXP Semiconductors APR6/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
iv
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Product Documentation
Peripheral and Support Circuits
•
Byte-wide Host Interface (HI) with Direct Memory Access (DMA) support
•
Synchronous Serial Interface (SSI) to communicate with codecs and synchronous serial
devices
–
8-, 12-, 16-, and 24-bit word sizes
–
Up to 32 software-selectable time slots in Network mode
•
Serial Communication Interface (SCI) for full-duplex asynchronous communications
•
On-chip peripheral registers memory mapped in data memory space
•
Double-buffered peripherals
•
Up to twenty-four General Purpose I/O (GPIO) pins
•
Two external interrupt request pins
Miscellaneous Features
•
Power-saving Wait and Stop modes
•
Fully static, HCMOS design for operating frequencies from 33 MHz down to 4 MHz
•
88-pin Ceramic Pin Grid Array (PGA) package; 13
× 13 array
•
132-pin Plastic Quad Flat Pack (PQFP) surface-mount package; 24
× 24 × 4 mm
•
132-pin Ceramic Quad Flat Pack (CQFP) surface-mount package; 22
× 22 × 4 mm
•
5 V power supply
PRODUCT DOCUMENTATION
The three documents listed in Table 1 are required for a complete description of the DSP56001A
and are necessary to design properly with the part. Documentation is available from one of the
following locations (see back cover for detailed information):
•
A local Motorola distributor
•
A Motorola semiconductor sales office
•
A Motorola Literature Distribution Center
•
The World Wide Web (WWW)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com