Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 72Page - NXP Semiconductors APR6/D Datasheet HTML 73Page - NXP Semiconductors APR6/D Datasheet HTML 74Page - NXP Semiconductors APR6/D Datasheet HTML 75Page - NXP Semiconductors APR6/D Datasheet HTML 76Page - NXP Semiconductors APR6/D Datasheet HTML 77Page - NXP Semiconductors APR6/D Datasheet HTML 78Page - NXP Semiconductors APR6/D Datasheet HTML 79Page - NXP Semiconductors APR6/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
4-2
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Substituting the DSP56001A for the DSP56001
Software/Application Considerations
Software written for the DSP56001 will generally run unmodified on the DSP56001A. There are,
however, certain differences which should be noted. Users should consider the impact these
differences may have on each application.
AGU MODIFY REGISTERS
Numbers between $8000 and $FFFE (inclusive) are not valid values for loading into the modify
registers (M0–M7) of the address generation unit on the DSP56001. Certain values within this
range, however, enable wrap-around addressing modes on the DSP56001A that are not
supported, and inadvertent enabling of these addressing modes may yield unexpected results.
Do not load the modify registers of the DSP56001A with values from $8000 to $FFFE.
RESERVED MEMORY LOCATIONS
Certain memory locations are designated as reserved on the DSP56001. Accesses to these
memory locations on the DSP56001A will result in unpredictable processor behavior including
the possibility of halting the processor completely
. In particular, writes to the following X
memory locations should be avoided on the DSP56001A:
X:$FFDE, X:$FFDF, X:$FFFC, X:$FFFD
MOVEP TO RN/NN/MN REGISTERS
On the DSP56001 there is a pipeline delay when using the MOVEP instruction to change the
contents of an address register (Mn, Nn, or Rn). The new contents of the destination address
register will not be available for use during the following instruction (i.e, there is a single
instruction cycle delay).
On the DSP56001A this pipeline delay has been removed. If an address register (Mn, Nn, or Rn)
is directly changed with a MOVEP instruction, the updated contents will be available for use
during the following instruction. DSP56001 software that depends on this pipeline delay must be
modified when moved onto the DSP56001A.
MOVEP TO/FROM DATA ALU REGISTERS
MOVEP instructions to/from Data ALU registers take 2 instruction cycles on the DSP56001. On
the DSP56001A, these instructions take only 1 instruction cycle. DSP56001 software which is
dependent on the timing of this form of the MOVEP instruction must be modified when ported
to the DSP56001A.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com