Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 45Page - NXP Semiconductors APR6/D Datasheet HTML 46Page - NXP Semiconductors APR6/D Datasheet HTML 47Page - NXP Semiconductors APR6/D Datasheet HTML 48Page - NXP Semiconductors APR6/D Datasheet HTML 49Page - NXP Semiconductors APR6/D Datasheet HTML 50Page - NXP Semiconductors APR6/D Datasheet HTML 51Page - NXP Semiconductors APR6/D Datasheet HTML 52Page - NXP Semiconductors APR6/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
DSP56001A
External Bus Synchronous Timing
MOTOROLA
DSP56001A/D, Rev. 1
2-31
Note:
1.
AC timing specifications which are referenced to a device input signal are measured in
production with respect to the 50% point of the respective input signal’s transition.
2.
WS are wait state values specified in the BCR.
3.
Clk Low transition to data-out invalid (specification # T146) and Clk Low transition to address
invalid (specification # T149) indicate the time after which data/address are no longer
guaranteed to be valid.
4.
Timings are given from Clk midpoint to VOL or VOH of the corresponding signal(s).
Figure 2-23 Synchronous Bus Timing
Table 2-14
External Bus Synchronous Timing (Continued)
Num
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Note:
During Read-Modify-Write Instructions, the address lines do not change states.
Data In
Data Out
CKOUT
A0–A15,
DS, PS,
X/Y
RD
WR
D0–D23
140
143
144
149
141
142
147
148
145
146
T0
T1
T2
T3
T0
T1
T2
T3
T0
AA0395
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com