Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 24 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 20Page - NXP Semiconductors APR6/D Datasheet HTML 21Page - NXP Semiconductors APR6/D Datasheet HTML 22Page - NXP Semiconductors APR6/D Datasheet HTML 23Page - NXP Semiconductors APR6/D Datasheet HTML 24Page - NXP Semiconductors APR6/D Datasheet HTML 25Page - NXP Semiconductors APR6/D Datasheet HTML 26Page - NXP Semiconductors APR6/D Datasheet HTML 27Page - NXP Semiconductors APR6/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
2-6
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
External Clock (EXTAL Pin)
Figure 2-3 External Clock Timing
Table 2-7
Clock Operation
No
Characteristics
Symbol
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Frequency of Operation
(EXTAL Pin)
Ef
4
27
4
33
MHz
1
Clock Input High
(46.7% – 53.3% duty cycle)
ETH
17
150
13.5
150
ns
2
Clock Input Low
(46.7% – 53.3% duty cycle)
ETL
17
150
13.5
150
ns
3
Clock Cycle Time
ETC
37
250
30
250
ns
4
Instruction Cycle Time =
ICYC = 2 × TC
ICYC
74
500
60
500
ns
Note:
External Clock Input High and External Clock Input Low are reserved at 50% of the input
transition.
EXTAL
VILC
VIHC
Midpoint
NOTE: The midpoint is VILC + 0.5 (VIHC – VILC).
ETH
ETL
ETC
1
2
3
4
AA0360
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com