Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 84 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 80Page - NXP Semiconductors APR6/D Datasheet HTML 81Page - NXP Semiconductors APR6/D Datasheet HTML 82Page - NXP Semiconductors APR6/D Datasheet HTML 83Page - NXP Semiconductors APR6/D Datasheet HTML 84Page - NXP Semiconductors APR6/D Datasheet HTML 85Page - NXP Semiconductors APR6/D Datasheet HTML 86Page - NXP Semiconductors APR6/D Datasheet HTML 87Page - NXP Semiconductors APR6/D Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
4-10
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Application Examples
APPLICATION EXAMPLES
The lowest cost DSP56001A-based system is shown in Figure 4-1. It uses no run time external
memory and requires only two chips, the DSP56001A and a low cost EPROM. The EPROM read
access time should be less than 780 nanoseconds when the DSP56001A is operating at a clock rate
of 20.5 MHz.
Figure 4-1 No Glue Logic, Low Cost Memory Port Bootstrap—Mode 1
11
8
CE
A0–A10
D0–D7
2716
MBD301*
+5 V
From Open
Collector
Buffer
From
Reset
Function
From Open
Collector
Buffer
DSP56001A
PS
A0–A10
D0–D7
MODA/IRQA
RESET
MODB/IRQB
BR
HACK
D23
Note:
1.
*These diodes must be Schottky diodes.
2.
All resistors are 15 K
Ω unless noted otherwise.
3.
When in Reset, IRQA and IRQB must be deasserted by external peripherals.
AA0904
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com