Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR6/D Datasheet(PDF) 45 Page - NXP Semiconductors

Part # APR6/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR6/D Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button APR6/D Datasheet HTML 41Page - NXP Semiconductors APR6/D Datasheet HTML 42Page - NXP Semiconductors APR6/D Datasheet HTML 43Page - NXP Semiconductors APR6/D Datasheet HTML 44Page - NXP Semiconductors APR6/D Datasheet HTML 45Page - NXP Semiconductors APR6/D Datasheet HTML 46Page - NXP Semiconductors APR6/D Datasheet HTML 47Page - NXP Semiconductors APR6/D Datasheet HTML 48Page - NXP Semiconductors APR6/D Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
DSP56001A
External Bus Asynchronous Timing
MOTOROLA
DSP56001A/D, Rev. 1
2-27
119 Delay from BG Deassertion to
Address and Control Bus
Enabled
0TH-80TH-6
ns
120 Address Valid to WR Assertion
•
WS = 0
•
WS > 0
TL - 7
TC - 7
TL + 5
TC + 5
TL - 5.5
TC - 5.5
TL + 5
TC + 5
ns
ns
121 WR Assertion Width
•
WS = 0
•
WS > 0
TC - 7
WS
× T
C + TL
- 7
—
—
TC - 5
WS
× T
C + TL
- 5
—
—
ns
ns
122 WR Deassertion to Address
Not Valid
TH - 9
—
TH - 7.5
—
ns
123 WR Assertion to Data Out
Active From High Impedance
•
WS = 0
•
WS > 0
TH - 7
0
TH + 8
8
TH - 5.5
0
TH + 6.5
6.5
ns
ns
124 Data Out Hold Time from WR
Deassertion (the maximum
specification is periodically
sampled, and not 100% tested)
TH - 7
TH + 6
TH - 5.5
TH + 4.5
ns
125 Data Out Setup Time to WR
Deassertion
•
WS = 0
•
WS > 0
TL - 5
WS
× T
C + TL
- 5
—
—
TL - 5
WS
× T
C + TL
- 5
—
—
ns
ns
126 RD Deassertion to Address Not
Valid
TH - 7
—
TH - 5.5
—
ns
127 Address Valid to RD
Deassertion
•
WS = 0
•
WS > 0
TC + TL - 6
(WS + 1)
× T
C
+ TL - 6
—
—
TC + TL - 6
(WS + 1)
× T
C
+ TL - 6
—
—
ns
ns
Table 2-13
External Bus Asynchronous Timing (Continued)
No.
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com